Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN87C51FA Datasheet (PDF) - Intel Corporation

LN87C51FA Datasheet PDF - Intel Corporation
Part # LN87C51FA
Download  LN87C51FA Download

File Size   279.2 Kbytes
Page   18 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

LN87C51FA Datasheet (PDF)

Go To PDF Page Download Datasheet
LN87C51FA Datasheet PDF - Intel Corporation

Part # LN87C51FA
Download  LN87C51FA Click to download

File Size   279.2 Kbytes
Page   18 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

LN87C51FA Datasheet (HTML) - Intel Corporation

Back Button LN87C51FA Datasheet HTML 1Page - Intel Corporation LN87C51FA Datasheet HTML 2Page - Intel Corporation LN87C51FA Datasheet HTML 3Page - Intel Corporation LN87C51FA Datasheet HTML 4Page - Intel Corporation LN87C51FA Datasheet HTML 5Page - Intel Corporation LN87C51FA Datasheet HTML 6Page - Intel Corporation LN87C51FA Datasheet HTML 7Page - Intel Corporation LN87C51FA Datasheet HTML 8Page - Intel Corporation LN87C51FA Datasheet HTML 9Page - Intel Corporation LN87C51FA Datasheet HTML 10Page - Intel Corporation Next Button 

LN87C51FA Product details

MEMORY ORGANIZATION
PROGRAM MEMORY: Up to 8 Kbytes of the program memory can reside in the 87C51FA On-Chip EPROM. Up to 16 Kbytes of the program memory can reside in the 87C51FB on-chip EPROM. Up to 32 Kbytes of the program memory can reside in the 87C51FC on-chip EPROM. In addition the device can address up to 64K of program memory external to the chip.

■ FX Core Architecture Device
■ Extended Automotive Temperature Range (b40§C to a125§C Ambient)
■ Available in 12 MHz, 16 MHz and 20 MHz Versions
■ High Performance CHMOS EPROM
■ Three 16-Bit Timer/Counters
   — Timer 2 (Up/Down Counter)
■ Programmable Counter Array with:
   — High Speed Output,
   — Compare/Capture,
   — Pulse Width Modulator,
   — Watchdog Timer Capabilities
■ One-to-Three Level Program Lock System on EPROM
■ 8K On-Chip User Programmable EPROM in 87C51FA
■ 16K On-Chip User Programmable EPROM in 87C51FB
■ 32K On-Chip User Programmable EPROM in 87C51FC
■ 256 Bytes of On-Chip Data RAM
■ Quick Pulse Programming Algorithm
■ Boolean Processor
■ 32 Programmable I/O Lines
■ 7 Interrupt Sources
■ Four Level Interrupt Priority
■ Programmable Serial Channel with:
   — Framing Error Detection
   — Automatic Address Recognition
■ TTL and CMOS Compatible Logic Levels
■ 64K External Program Memory Space
■ 64K External Data Memory Space
■ MCSÉ-51 Fully Compatible Instruction Set
■ Power Saving Idle and Power Down Modes
■ ONCE (On-Circuit Emulation) Mode
■ RFI Reduction Mode
■ Available in PLCC and PDIP Packages




Similar Part No. - LN87C51FA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LN87C52 INTEL-LN87C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
LN87C54 INTEL-LN87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
LN87C54 INTEL-LN87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
LN87C54-20 INTEL-LN87C54-20 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
LN87C58 INTEL-LN87C58 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Similar Description - LN87C51FA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com