Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3612M349 Datasheet (PDF) - Finisar Corporation.

FTLX3612M349 Datasheet PDF - Finisar Corporation.
Part # FTLX3612M349
Download  FTLX3612M349 Download

File Size   226.53 Kbytes
Page   13 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 40km Multi-Rate DWDM XFP Optical Transceiver

FTLX3612M349 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTLX3612M349 Datasheet PDF - Finisar Corporation.

Part # FTLX3612M349
Download  FTLX3612M349 Click to download

File Size   226.53 Kbytes
Page   13 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 40km Multi-Rate DWDM XFP Optical Transceiver

FTLX3612M349 Datasheet (HTML) - Finisar Corporation.

Back Button FTLX3612M349 Datasheet HTML 1Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 2Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 3Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 4Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 5Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 6Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 7Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 8Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 9Page - Finisar Corporation. FTLX3612M349 Datasheet HTML 10Page - Finisar Corporation. Next Button 



Similar Part No. - FTLX3612M349

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results


Similar Description - FTLX3612M349

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
FTLX1612M3BTL FINISAR-FTLX1612M3BTL Datasheet
267Kb / 12P
   RoHS-6 Compliant I-Temp 40km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
More results




About Finisar Corporation.


Finisar Corporation is a company that designs, develops, manufactures, and markets optical communication products. It was founded in 1988 and is headquartered in Sunnyvale, California, United States.

The company's products include optical transceivers, active optical cables, optical engines, optical components, wavelength selective switches, and network performance test and monitoring systems. Finisar's products are used in a wide range of applications, including data communication and telecommunication networks, storage area networks, and high-performance computing.

In December 2018, Finisar was acquired by II-VI Incorporated, a global leader in engineered materials and optoelectronic components.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com