Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC4P5524-9 Datasheet (PDF) - Intersil Corporation

HC4P5524-9 Datasheet PDF - Intersil Corporation
Part # HC4P5524-9
Download  HC4P5524-9 Download

File Size   87.42 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description EIA/ITU 24V PABX SLIC with 25mA Loop Feed

HC4P5524-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC4P5524-9 Datasheet PDF - Intersil Corporation

Part # HC4P5524-9
Download  HC4P5524-9 Click to download

File Size   87.42 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description EIA/ITU 24V PABX SLIC with 25mA Loop Feed

HC4P5524-9 Datasheet (HTML) - Intersil Corporation

HC4P5524-9 Datasheet HTML 1Page - Intersil Corporation HC4P5524-9 Datasheet HTML 2Page - Intersil Corporation HC4P5524-9 Datasheet HTML 3Page - Intersil Corporation HC4P5524-9 Datasheet HTML 4Page - Intersil Corporation HC4P5524-9 Datasheet HTML 5Page - Intersil Corporation HC4P5524-9 Datasheet HTML 6Page - Intersil Corporation HC4P5524-9 Datasheet HTML 7Page - Intersil Corporation HC4P5524-9 Datasheet HTML 8Page - Intersil Corporation HC4P5524-9 Datasheet HTML 9Page - Intersil Corporation

HC4P5524-9 Product details

The HC-5524 telephone Subscriber Line Interface Circuit integrates most of the BORSCHT functions on a monolithic IC. The device is manufactured in a Dielectric Isolation (DI) process and is designed for use as a 24V interface between the traditional telephone subscriber pair (Tip and Ring) and the low voltage filtering and coding/decoding functions of the line card. Together with a secondary protection diode bridge, the device will withstand 500V induced surges, in plastic packages.

Features
• DI Monolithic High Voltage Process
• Compatible with Worldwide PBX and DLC Performance Requirements
• Controlled Supply of Battery Feed Current with Programmable Current Limit
• Operates with 5V Positive Supply (VB+)
• Internal Ring Relay Driver and a Utility Relay Driver
• High Impedance Mode for Subscriber Loop
• High Temperature Alarm Output
• Low Power Consumption During Standby Functions
• Switch Hook, Ground Key, and Ring Trip Detection
• Selective Power Denial to Subscriber
• Voice Path Active During Power Denial
• On-Chip Op Amp for 2-Wire Impedance Matching

Applications
• Solid State Line Interface Circuit for PBX or Digital Loop Carrier Systems
• Hotel/Motel Switching Systems
• Direct Inward Dialing (DID) Trunks
• Voice Messaging PBXs
• 2-Wire/4-Wire, 4-Wire/2-Wire Hybrid
• Related Literature
    - AN9607, Impedance Matching Design Equations
    - AN9628, AC Voltage Gain
    - AN9608, Implementing Pulse Metering
    - AN549, The HC-5502S/4X Telephone Subscriber Line Interface Circuits (SLIC)




Similar Part No. - HC4P5524-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC4P5502B-5 INTERSIL-HC4P5502B-5 Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC4P5502B-5 INTERSIL-HC4P5502B-5 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
logo
Renesas Technology Corp
HC4P5502B-5 RENESAS-HC4P5502B-5 Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC4P5502B1-5 INTERSIL-HC4P5502B1-5 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
HC4P5504B-5 INTERSIL-HC4P5504B-5 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
More results


Similar Description - HC4P5524-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com