Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55151 Datasheet (PDF) - Intersil Corporation

HC55151 Datasheet PDF - Intersil Corporation
Part # HC55151
Download  HC55151 Download

File Size   382.86 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Universal SLIC Family

HC55151 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC55151 Datasheet PDF - Intersil Corporation

Part # HC55151
Download  HC55151 Click to download

File Size   382.86 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Universal SLIC Family

HC55151 Datasheet (HTML) - Intersil Corporation

Back Button HC55151 Datasheet HTML 1Page - Intersil Corporation HC55151 Datasheet HTML 2Page - Intersil Corporation HC55151 Datasheet HTML 3Page - Intersil Corporation HC55151 Datasheet HTML 4Page - Intersil Corporation HC55151 Datasheet HTML 5Page - Intersil Corporation HC55151 Datasheet HTML 6Page - Intersil Corporation HC55151 Datasheet HTML 7Page - Intersil Corporation HC55151 Datasheet HTML 8Page - Intersil Corporation HC55151 Datasheet HTML 9Page - Intersil Corporation HC55151 Datasheet HTML 10Page - Intersil Corporation Next Button 

HC55151 Product details

The UniSLIC14 is a family of Ultra Low Power SLICs. The feature set and common pinouts of the UniSLIC14 family positions it as a universal solution for: Plain Old Telephone Service (POTS), PBX, Central Office, Loop Carrier, Fiber in the Loop, ISDN-TA and NT1+, Pairgain and Wireless Local Loop.

Features
• Ultra Low Active Power (OHT) < 60mW
• Single/Dual Battery Operation
• Automatic Silent Battery Selection
• Power Management/Shutdown
• Battery Tracking Anti Clipping
• Single 5V Supply with 3V Compatible Logic
• Zero Crossing Ring Control
   - Zero Voltage On/Zero Current Off
• Tip/Ring Disconnect
• Pulse Metering Capability
• 4 Wire Loopback
• Programmable Current Feed
• Programmable Resistive Feed
• Programmable Loop Detect Threshold
• Programmable On-Hook and Off-Hook Overheads
• Programmable Overhead for Pulse Metering
• Programmable Polarity Reversal Time
• Selectable Transmit Gain 0dB/-6dB
• 2 Wire Impedance Set by Single Network
• Loop and Ground Key Detectors
• On-Hook Transmission
• Common Pinout
• Pb-Free Plus Anneal Available (RoHS Compliant)
• HC55121
- Polarity Reversal
• HC55130
   - -63dB Longitudinal Balance
• HC55140
   - Polarity Reversal
   - Ground Start
   - Line Voltage Measurement
   - 2 Wire Loopback
   - -63dB Longitudinal Balance
• HC55142
   - Polarity Reversal
   - Ground Start
   - Line Voltage Measurement
   - 2.2VRMS Pulse Metering
   - 2 Wire Loopback
• HC55150
   - Polarity Reversal
   - Line Voltage Measurement
   - 2.2VRMS Pulse Metering
   - 2 Wire Loopback




Similar Part No. - HC55151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC55150 INTERSIL-HC55150 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
logo
Renesas Technology Corp
HC55150 RENESAS-HC55150 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
HC55150CB RENESAS-HC55150CB Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
More results


Similar Description - HC55151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com