Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCA10008 Datasheet (PDF) - Intersil Corporation

HCA10008 Datasheet PDF - Intersil Corporation
Part # HCA10008
Download  HCA10008 Download

File Size   87.57 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V/2.5A Peak, High Frequency Full Bridge FET Driver

HCA10008 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCA10008 Datasheet PDF - Intersil Corporation

Part # HCA10008
Download  HCA10008 Click to download

File Size   87.57 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V/2.5A Peak, High Frequency Full Bridge FET Driver

HCA10008 Datasheet (HTML) - Intersil Corporation

Back Button HCA10008 Datasheet HTML 1Page - Intersil Corporation HCA10008 Datasheet HTML 2Page - Intersil Corporation HCA10008 Datasheet HTML 3Page - Intersil Corporation HCA10008 Datasheet HTML 4Page - Intersil Corporation HCA10008 Datasheet HTML 5Page - Intersil Corporation HCA10008 Datasheet HTML 6Page - Intersil Corporation HCA10008 Datasheet HTML 7Page - Intersil Corporation HCA10008 Datasheet HTML 8Page - Intersil Corporation HCA10008 Datasheet HTML 9Page - Intersil Corporation HCA10008 Datasheet HTML 10Page - Intersil Corporation Next Button 

HCA10008 Product details

The HCA10008 is a high frequency, medium voltage Full Bridge N-Channel FET driver IC, available in 20 lead plastic SOIC package. The HCA10008 can drive every possible switch combination except those which would cause a shoot through condition. The HCA10008 can switch at frequencies up to 1MHz and is well suited to driving Voice Coil Motors, high-frequency Class D audio amplifiers, and power supplies.

Features
• Independently Drives 4 N-Channel FET in Half Bridge or
   Full Bridge Configurations
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load at 1MHz in Free Air at 50oC with Rise
   and Fall Times of Typically 10ns
• User Programmable Dead Time
• On-Chip Charge Pump and Bootstrap Upper Bias
   Supplies
• DIS (Disable) Overrides Input Control
• Input Logic Thresholds Compatible with 5V to 15V Logic
   Levels
• Very Low Power Consumption
• Undervoltage Protection

Applications
• Medium/Large Voice Coil Motors
• Full Bridge Power Supplies
• Class D Audio Power Amplifiers
• High Performance Motor Controls
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• U.P.S.
• Related Literature
   - AN9405 Application Note for the HIP4081A and the
      HCA10008




Similar Part No. - HCA10008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10009 INTERSIL-HCA10009 Datasheet
529Kb / 10P
   100MHz, Single and Dual Low Noise, Precision Operational Amplifier
August 1999
More results


Similar Description - HCA10008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080 INTERSIL-HIP4080_03 Datasheet
761Kb / 21P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4081AIBT INTERSIL-HIP4081AIBT Datasheet
720Kb / 16P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081AIP INTERSIL-HIP4081AIP Datasheet
482Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
September 15, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com