Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS132D Datasheet (PDF) - Intersil Corporation

HCS132D Datasheet PDF - Intersil Corporation
Part # HCS132D
Download  HCS132D Download

File Size   156.86 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input NAND Schmitt Trigger

HCS132D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS132D Datasheet PDF - Intersil Corporation

Part # HCS132D
Download  HCS132D Click to download

File Size   156.86 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input NAND Schmitt Trigger

HCS132D Datasheet (HTML) - Intersil Corporation

HCS132D Datasheet HTML 1Page - Intersil Corporation HCS132D Datasheet HTML 2Page - Intersil Corporation HCS132D Datasheet HTML 3Page - Intersil Corporation HCS132D Datasheet HTML 4Page - Intersil Corporation HCS132D Datasheet HTML 5Page - Intersil Corporation HCS132D Datasheet HTML 6Page - Intersil Corporation HCS132D Datasheet HTML 7Page - Intersil Corporation HCS132D Datasheet HTML 8Page - Intersil Corporation

HCS132D Product details

Description
The Intersil HCS132MS is a Radiation Hardened Quad 2-Input NAND Schmitt Trigger inputs. A high on both inputs forces the output to a Low state.
The HCS132MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS132MS is supplied in a 14 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity < 2 x 10-9 Errors/Gate Day (Typ
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 30% of VCC Max
    - VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS132D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS132D RENESAS-HCS132D Datasheet
368Kb / 8P
   Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
HCS132DMSR RENESAS-HCS132DMSR Datasheet
368Kb / 8P
   Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
More results


Similar Description - HCS132D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS132MS INTERSIL-HCTS132MS Datasheet
123Kb / 9P
   Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
ACS132MS INTERSIL-ACS132MS Datasheet
50Kb / 2P
   Radiation Hardened Quad 2-Input NAND Schmitt Trigger
November 1998
logo
Renesas Technology Corp
HCS132MS RENESAS-HCS132MS Datasheet
368Kb / 8P
   Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com