Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS245K Datasheet (PDF) - Intersil Corporation

HCTS245K Datasheet PDF - Intersil Corporation
Part # HCTS245K
Download  HCTS245K Download

File Size   127.91 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting

HCTS245K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS245K Datasheet PDF - Intersil Corporation

Part # HCTS245K
Download  HCTS245K Click to download

File Size   127.91 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting

HCTS245K Datasheet (HTML) - Intersil Corporation

HCTS245K Datasheet HTML 1Page - Intersil Corporation HCTS245K Datasheet HTML 2Page - Intersil Corporation HCTS245K Datasheet HTML 3Page - Intersil Corporation HCTS245K Datasheet HTML 4Page - Intersil Corporation HCTS245K Datasheet HTML 5Page - Intersil Corporation HCTS245K Datasheet HTML 6Page - Intersil Corporation HCTS245K Datasheet HTML 7Page - Intersil Corporation HCTS245K Datasheet HTML 8Page - Intersil Corporation HCTS245K Datasheet HTML 9Page - Intersil Corporation HCTS245K Datasheet HTML 10Page - Intersil Corporation

HCTS245K Product details

Description
The Intersil HCTS245MS is a Radiation Hardened NonInverting Octal Bidirectional Bus Transceiver, Three-State, intended for two-way asynchronous communication between data busses. The HCTS245MS allows data transmission from the A bus to the B bus or from the B bus to the A bus. The logic level at the direction input (DIR) determines the data direction. The output enable input (OE) puts the I/O port in the high-impedance state when high.

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    - Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS245K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS245K RENESAS-HCTS245K Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
HCTS245KMSR RENESAS-HCTS245KMSR Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
HCTS245KTR INTERSIL-HCTS245KTR Datasheet
93Kb / 3P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
More results


Similar Description - HCTS245K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Intersil Corporation
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Renesas Technology Corp
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
ACTS244MS INTERSIL-ACTS244MS Datasheet
47Kb / 3P
   Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
logo
Renesas Technology Corp
ACTS244MS RENESAS-ACTS244MS Datasheet
211Kb / 3P
   Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
ACS245MS RENESAS-ACS245MS Datasheet
319Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
logo
Intersil Corporation
ACTS245T INTERSIL-ACTS245T Datasheet
78Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
July 1999
ACS245MS INTERSIL-ACS245MS Datasheet
75Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS245MS INTERSIL-ACTS245MS Datasheet
75Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com