Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3860IV Datasheet (PDF) - Intersil Corporation

HFA3860IV Datasheet PDF - Intersil Corporation
Part # HFA3860IV
Download  HFA3860IV Download

File Size   250.43 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 11 Mbps Direct Sequence Spread Spectrum Baseband Processor

HFA3860IV Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3860IV Datasheet PDF - Intersil Corporation

Part # HFA3860IV
Download  HFA3860IV Click to download

File Size   250.43 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 11 Mbps Direct Sequence Spread Spectrum Baseband Processor

HFA3860IV Datasheet (HTML) - Intersil Corporation

Back Button HFA3860IV Datasheet HTML 1Page - Intersil Corporation HFA3860IV Datasheet HTML 2Page - Intersil Corporation HFA3860IV Datasheet HTML 3Page - Intersil Corporation HFA3860IV Datasheet HTML 4Page - Intersil Corporation HFA3860IV Datasheet HTML 5Page - Intersil Corporation HFA3860IV Datasheet HTML 6Page - Intersil Corporation HFA3860IV Datasheet HTML 7Page - Intersil Corporation HFA3860IV Datasheet HTML 8Page - Intersil Corporation HFA3860IV Datasheet HTML 9Page - Intersil Corporation HFA3860IV Datasheet HTML 10Page - Intersil Corporation Next Button 

HFA3860IV Product details

The Intersil HFA3860 Direct Sequence (DSSS) baseband processor is part of the PRISM 2.4GHz radio chipset, and contains all the functions necessary for a full or half duplex packet baseband transceiver for applications requiring 11 Mbps performance.

Features
• Complete DSSS Baseband Processor
• Processing Gain . . . . . . . . . . . . . . . . . . . . . . . . . . ≥10.4dB
• Programmable Data Rate. . . . . . . . 1, 2, 5.5, and 11 Mbps
• Ultra Small Package . . . . . . . . . . . . . . . . . . . . 7 x 7 x 1mm
• Single Supply Operation (44MHz Max) . . . . . 2.7V to 3.6V
• Modulation Methods . . . . . . .DBPSK, DQPSK, and MBOK
• Supports Full or Half Duplex Operations
• On-Chip A/D Converters for I/Q Data (3-Bit, 22 MSPS) and RSSI (6-Bit)
• Similar Pinout to HFA3824

Applications
• Systems Targeting IEEE 802.11 WLAN Standard
• Point-to-Point Links
• DSSS PCMCIA Wireless Transceiver
• Spread Spectrum WLAN RF Modems
• TDMA Packet Protocol Radios
• Part 15 Compliant Radio Links
• Portable Bar Code Scanners/POS Terminal
• Portable PDA/Notebook Computer
• Wireless Digital Audio
• Wireless Digital Video
• PCN/Wireless PBX




Similar Part No. - HFA3860IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV INTERSIL-HFA3860AIV Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV96 INTERSIL-HFA3860AIV96 Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3860BIV INTERSIL-HFA3860BIV Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
More results


Similar Description - HFA3860IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com