Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTD10N40F1S Datasheet (PDF) - Intersil Corporation

HGTD10N40F1S Datasheet PDF - Intersil Corporation
Part # HGTD10N40F1S
Download  HGTD10N40F1S Download

File Size   33.07 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 400V and 500V N-Channel IGBTs

HGTD10N40F1S Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTD10N40F1S Datasheet PDF - Intersil Corporation

Part # HGTD10N40F1S
Download  HGTD10N40F1S Click to download

File Size   33.07 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 400V and 500V N-Channel IGBTs

HGTD10N40F1S Datasheet (HTML) - Intersil Corporation

HGTD10N40F1S Datasheet HTML 1Page - Intersil Corporation HGTD10N40F1S Datasheet HTML 2Page - Intersil Corporation HGTD10N40F1S Datasheet HTML 3Page - Intersil Corporation HGTD10N40F1S Datasheet HTML 4Page - Intersil Corporation

HGTD10N40F1S Product details

Description

The HGTD10N40F1, HGTD10N40F1S, HGTD10N50F1, and HGTD10N50F1S are n-channel enhancement-mode insulated gate bipolar transistors (IGBTs) designed for high voltage, low on-dissipation applications such as switching regulators and motor drivers. These types can be operated directly from low power integrated circuits.



Features

• 10A, 400V and 500V

• VCE(ON) 2.5V Max.

• TFALL ≤1.4µs

• Low On-State Voltage

• Fast Switching Speeds

• High Input Impedance



Applications

• Power Supplies

• Motor Drives

• Protective Circuits



 




Similar Part No. - HGTD10N40F1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTD1N120BNS FAIRCHILD-HGTD1N120BNS Datasheet
97Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS FAIRCHILD-HGTD1N120BNS Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
logo
Inchange Semiconductor ...
HGTD1N120BNS ISC-HGTD1N120BNS Datasheet
312Kb / 2P
   Trench Field-Stop Technology IGBT
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
More results


Similar Description - HGTD10N40F1S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP10N40C1 INTERSIL-HGTP10N40C1 Datasheet
38Kb / 7P
   10A, 12A, 400V and 500V N-Channel IGBTs
April 1995
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
2N6975 INTERSIL-2N6975 Datasheet
40Kb / 4P
   5A, 400V and 500V N-Channel IGBTs
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTD8P50G1 INTERSIL-HGTD8P50G1 Datasheet
110Kb / 9P
   8A, 500V P-Channel IGBTs
March 1997
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com