Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTD8P50G1 Datasheet (PDF) - Intersil Corporation

HGTD8P50G1 Datasheet PDF - Intersil Corporation
Part # HGTD8P50G1
Download  HGTD8P50G1 Download

File Size   110.13 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 500V P-Channel IGBTs

HGTD8P50G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTD8P50G1 Datasheet PDF - Intersil Corporation

Part # HGTD8P50G1
Download  HGTD8P50G1 Click to download

File Size   110.13 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 500V P-Channel IGBTs

HGTD8P50G1 Datasheet (HTML) - Intersil Corporation

HGTD8P50G1 Datasheet HTML 1Page - Intersil Corporation HGTD8P50G1 Datasheet HTML 2Page - Intersil Corporation HGTD8P50G1 Datasheet HTML 3Page - Intersil Corporation HGTD8P50G1 Datasheet HTML 4Page - Intersil Corporation HGTD8P50G1 Datasheet HTML 5Page - Intersil Corporation HGTD8P50G1 Datasheet HTML 6Page - Intersil Corporation HGTD8P50G1 Datasheet HTML 7Page - Intersil Corporation HGTD8P50G1 Datasheet HTML 8Page - Intersil Corporation HGTD8P50G1 Datasheet HTML 9Page - Intersil Corporation

HGTD8P50G1 Product details

Description
The HGTD8P50G1 and the HGTD8P50G1S are P-channel enhancement-mode insulated gate bipolar transistors (IGBTs) designed for high voltage, low on-dissipation applications such as switching regulators and motor drives. This P- channel IGBT can be paired with N-Channel IGBTs to form a complementary power switch and it is ideal for half bridge circuit configurations. These types can be operated directly from low power integrated circuits.

Features
• 8A, 500V
• 3.7V VCE(SAT)
• Typical Fall Time - 1800ns
• High Input Impedance
• TJ = +150°C




Similar Part No. - HGTD8P50G1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTD10N40F1S INTERSIL-HGTD10N40F1S Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTD10N50F1 INTERSIL-HGTD10N50F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTD10N50F1S INTERSIL-HGTD10N50F1S Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
logo
Fairchild Semiconductor
HGTD1N120BNS FAIRCHILD-HGTD1N120BNS Datasheet
97Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
More results


Similar Description - HGTD8P50G1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
logo
Alpha & Omega Semicondu...
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
   500V, 8A N-Channel MOSFET
logo
Intersil Corporation
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
2N6975 INTERSIL-2N6975 Datasheet
40Kb / 4P
   5A, 400V and 500V N-Channel IGBTs
April 1995
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com