Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5051 Datasheet (PDF) - Intersil Corporation

HI-5051 Datasheet PDF - Intersil Corporation
Part # HI-5051
Download  HI-5051 Download

File Size   165.43 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Analog Switches

HI-5051 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-5051 Datasheet PDF - Intersil Corporation

Part # HI-5051
Download  HI-5051 Click to download

File Size   165.43 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Analog Switches

HI-5051 Datasheet (HTML) - Intersil Corporation

Back Button HI-5051 Datasheet HTML 1Page - Intersil Corporation HI-5051 Datasheet HTML 2Page - Intersil Corporation HI-5051 Datasheet HTML 3Page - Intersil Corporation HI-5051 Datasheet HTML 4Page - Intersil Corporation HI-5051 Datasheet HTML 5Page - Intersil Corporation HI-5051 Datasheet HTML 6Page - Intersil Corporation HI-5051 Datasheet HTML 7Page - Intersil Corporation HI-5051 Datasheet HTML 8Page - Intersil Corporation HI-5051 Datasheet HTML 9Page - Intersil Corporation HI-5051 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI-5051 Product details

This family of CMOS analog switches offers low resistance switching performance for analog voltages up to the supply rails and for signal currents up to 80mA. “ON” resistance is low and stays reasonably constant over the full range of operating signal voltage and current. rON remains exceptionally constant for input voltages between +5V and -5V and currents up to 50mA. Switch impedance also changes very little over temperature, particularly between 0oC and 75oC. rON is nominally 25Ω for HI-5049 and HI-5051 and 50Ω for HI-5042 through HI-5047.

Features
• Wide Analog Signal Range . . . . . . . . . . . . . . . . . . . ±15V
• Low “ON” Resistance . . . . . . . . . . . . . . . . . . . . . . . . . 25Ω
• High Current Capability . . . . . . . . . . . . . . . . . . . . . . 80mA
• Break-Before-Make Switching
    - Turn-On Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . 370ns
    - Turn-Off Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 280ns
• No Latch-Up
• Input MOS Gates are Protected from Electrostatic Discharge
• DTL, TTL, CMOS, PMOS Compatible
• Pb-Free Available (RoHS Compliant)

Applications
• High Frequency Switching
• Sample and Hold
• Digital Filters
• Operational Amplifier Gain Switching




Similar Part No. - HI-5051

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5051 HARRIS-HI-5051 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI-5051 INTERSIL-HI-5051 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI-5051 INTERSIL-HI-5051 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
HI-5051 INTERSIL-HI-5051 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
logo
Renesas Technology Corp
HI-5051 RENESAS-HI-5051 Datasheet
503Kb / 13P
   CMOS Analog Switches
June 16, 2016
More results


Similar Description - HI-5051

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com