Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-DAC80V Datasheet (PDF) - Intersil Corporation

HI-DAC80V Datasheet PDF - Intersil Corporation
Part # HI-DAC80V
Download  HI-DAC80V Download

File Size   68.9 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, Low Cost, Monolithic D/A Converters

HI-DAC80V Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-DAC80V Datasheet PDF - Intersil Corporation

Part # HI-DAC80V
Download  HI-DAC80V Click to download

File Size   68.9 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, Low Cost, Monolithic D/A Converters

HI-DAC80V Datasheet (HTML) - Intersil Corporation

HI-DAC80V Datasheet HTML 1Page - Intersil Corporation HI-DAC80V Datasheet HTML 2Page - Intersil Corporation HI-DAC80V Datasheet HTML 3Page - Intersil Corporation HI-DAC80V Datasheet HTML 4Page - Intersil Corporation HI-DAC80V Datasheet HTML 5Page - Intersil Corporation HI-DAC80V Datasheet HTML 6Page - Intersil Corporation HI-DAC80V Datasheet HTML 7Page - Intersil Corporation

HI-DAC80V Product details

Description
The Hl-DAC80V is a monolithic direct replacement for the popular DAC80 and AD DAC80. The HI-DAC85V is a monolithic direct replacement for the popular DAC85 and AD DAC85 as well as the HI-5685V. Single chip construction along with several design innovations make the Hl-DAC80V the optimum choice for low cost, high reliability applications. Intersil’ unique Dielectric Isolation (Dl) processing reduces internal parasitics resulting in fast switching times and minimum glitch. On board span resistors are provided for good tracking over temperature, and are laser trimmed to high accuracy.

Features
• DAC 80V/DAC 85V Alternative Source
• Monolithic Construction
• Fast Settling Time (Typ) . . . . . . . . . . . . . . . . . . . . 1.5µs
• Guaranteed Monotonicity
• Wafer Laser Trimmed Linearity, Gain, Offset
• Span Resistors On-Chip
• On-Board Reference
• Supply Operation. . . . . . . . . . . . . . . . . . . . . . . . . . ±12V

Applications
• High Speed A/D Converters
• Precision Instrumentation
• CRT Display Generation




Similar Part No. - HI-DAC80V

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
92Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
More results


Similar Description - HI-DAC80V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80 AD-ADDAC80_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
   LOW COST MONOLITHIC 12 BIT D/A CONVERTER
logo
Maxim Integrated Produc...
MX565A MAXIM-MX565A Datasheet
341Kb / 8P
   High Speed 12-Bit Monolithic D/A Converters
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com