Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1166AIL Datasheet (PDF) - Intersil Corporation

HI1166AIL Datasheet PDF - Intersil Corporation
Part # HI1166AIL
Download  HI1166AIL Download

File Size   125.95 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 250 MSPS, Flash A/D Converter

HI1166AIL Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1166AIL Datasheet PDF - Intersil Corporation

Part # HI1166AIL
Download  HI1166AIL Click to download

File Size   125.95 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 250 MSPS, Flash A/D Converter

HI1166AIL Datasheet (HTML) - Intersil Corporation

Back Button HI1166AIL Datasheet HTML 1Page - Intersil Corporation HI1166AIL Datasheet HTML 2Page - Intersil Corporation HI1166AIL Datasheet HTML 3Page - Intersil Corporation HI1166AIL Datasheet HTML 4Page - Intersil Corporation HI1166AIL Datasheet HTML 5Page - Intersil Corporation HI1166AIL Datasheet HTML 6Page - Intersil Corporation HI1166AIL Datasheet HTML 7Page - Intersil Corporation HI1166AIL Datasheet HTML 8Page - Intersil Corporation HI1166AIL Datasheet HTML 9Page - Intersil Corporation HI1166AIL Datasheet HTML 10Page - Intersil Corporation Next Button 

HI1166AIL Product details

The HI1166 is an 8-bit, ultra high speed, flash Analog-to-Digital converter IC capable of digitizing analog signals at a maximum rate of 250 MSPS. The digital I/O levels of the converter are compatible with ECL 100K/10KH/10K.

Features
• Differential Linearity Error . . . . . . . . . . . ±0.5 LSB or Less
• Integral Linearity Error . . . . . . . . . . . . . . ±0.5 LSB or Less
• Built-In Integral Linearity Compensation Circuit
• Ultra High Speed Operation with Maximum Conversion Rate (Min) . . . . . . . . . . . . . . . . . . . 250 MSPS
• Low Input Capacitance 18pF (Typ)
• Wide Analog Input Bandwidth (Min for Full Scale Input) . . . . . . . . . . . . . . . . . . . 250MHz
• Single Power Supply . . . . . . . . . . . . . . . . . . . . . . . . -5.2V
• Low Power Consumption . . . . . . . . . . . . . . . 1.4W (Typ)
• Low Error Rate
• Capable of Driving 50Ω Loads
• Evaluation Board Available
• Direct Replacement for Sony CXA1166K

Applications
• Spectrum Analyzers
• Radar Systems
• Direct RF Down-Conversion
• Video Digitizing
• Communication Systems
• Digital Oscilloscopes




Similar Part No. - HI1166AIL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1166AIL INTERSIL-HI1166AIL Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
More results


Similar Description - HI1166AIL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com