Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1171JCB Datasheet (PDF) - Intersil Corporation

HI1171JCB Datasheet PDF - Intersil Corporation
Part # HI1171JCB
Download  HI1171JCB Download

File Size   42.79 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 40 MSPS, High Speed D/A Converter

HI1171JCB Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1171JCB Datasheet PDF - Intersil Corporation

Part # HI1171JCB
Download  HI1171JCB Click to download

File Size   42.79 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 40 MSPS, High Speed D/A Converter

HI1171JCB Datasheet (HTML) - Intersil Corporation

HI1171JCB Datasheet HTML 1Page - Intersil Corporation HI1171JCB Datasheet HTML 2Page - Intersil Corporation HI1171JCB Datasheet HTML 3Page - Intersil Corporation HI1171JCB Datasheet HTML 4Page - Intersil Corporation HI1171JCB Datasheet HTML 5Page - Intersil Corporation HI1171JCB Datasheet HTML 6Page - Intersil Corporation HI1171JCB Datasheet HTML 7Page - Intersil Corporation

HI1171JCB Product details

Description
The HI1171 is an 8-bit, 40MHz, high speed D/A converter. The converter incorporates an 8-bit input data register with blanking capability, and current outputs. The HI1171 features low glitch outputs. The architecture is a current cell arrangement to provide low linearity errors.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . . 40MHz
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-Bit
• Integral Linearity Error . . . . . . . . . . . . . . . . . . 0.25 LSB
• Low Glitch Noise
• Single Supply Operation . . . . . . . . . . . . . . . . . . . . . . +5V
• Low Power Consumption (Max) . . . . . . . . . . . . . .80mW
• Evaluation Board Available (HI1171-EV)
• Direct Replacement for the Sony CXD1171

Applications
• Wireless Telecommunications
• Signal Reconstruction
• Direct Digital Synthesis
• Imaging
• Presentation and Broadcast Video
• Graphics Displays
• Signal Generators




Similar Part No. - HI1171JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1171JCB INTERSIL-HI1171JCB Datasheet
119Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI1171JCB RENESAS-HI1171JCB Datasheet
382Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
More results


Similar Description - HI1171JCB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI1171 RENESAS-HI1171 Datasheet
382Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI1171 INTERSIL-HI1171_05 Datasheet
119Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com