Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3246 Datasheet (PDF) - Intersil Corporation

HI3246 Datasheet PDF - Intersil Corporation
Part # HI3246
Download  HI3246 Download

File Size   228.96 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 120MSPS, Flash A/D Converter

HI3246 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3246 Datasheet PDF - Intersil Corporation

Part # HI3246
Download  HI3246 Click to download

File Size   228.96 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 120MSPS, Flash A/D Converter

HI3246 Datasheet (HTML) - Intersil Corporation

Back Button HI3246 Datasheet HTML 1Page - Intersil Corporation HI3246 Datasheet HTML 2Page - Intersil Corporation HI3246 Datasheet HTML 3Page - Intersil Corporation HI3246 Datasheet HTML 4Page - Intersil Corporation HI3246 Datasheet HTML 5Page - Intersil Corporation HI3246 Datasheet HTML 6Page - Intersil Corporation HI3246 Datasheet HTML 7Page - Intersil Corporation HI3246 Datasheet HTML 8Page - Intersil Corporation HI3246 Datasheet HTML 9Page - Intersil Corporation HI3246 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI3246 Product details

8-Bit, 120MSPS, Flash A/D Converter

The HI3246 is an 8-bit, high-speed, flash analog-to-digital converter optimized for high speed, low power, and ease of use. With a 120MSPS encode rate capability and full-power analog bandwidth of 200MHz, this component is ideal for applications requiring the highest possible dynamic performance.

Features
• Differential Linearity Error. . . . . . . . . . . . . . . . . . ±0.5 LSB
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . . ±0.5 LSB
• Integral Linearity Compensation Circuit
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . . . . . 10pF
• Wide Analog Input Bandwidth . . . . . . . . . . . . . . . 250MHz
• Low Power Consumption . . . . . . . . . . . . . . . . . . . 500mW
• 1:2 Demultiplexed Output Pin
• Internal 1/2 Frequency Divider Circuit (w/Reset Function)
• CLK/2 Clock Output
• Compatible with PECL, ECL and TTL Digital Input Levels
• Direct Replacement for Sony CXA3246Q

Applications
• RGB Video (LCD, PDP)
• Digital Oscilloscopes
• Digital Communications (QPSK, QAM)
• Magnetic Recording (PRML)




Similar Part No. - HI3246

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3256JCQ INTERSIL-HI3256JCQ Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276JCQ INTERSIL-HI3276JCQ Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
More results


Similar Description - HI3246

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com