Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP0081AS1 Datasheet (PDF) - Intersil Corporation

HIP0081AS1 Datasheet PDF - Intersil Corporation
Part # HIP0081AS1
Download  HIP0081AS1 Download

File Size   115.34 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Inverting Power Drivers with Serial Diagnostic Interface

HIP0081AS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP0081AS1 Datasheet PDF - Intersil Corporation

Part # HIP0081AS1
Download  HIP0081AS1 Click to download

File Size   115.34 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Inverting Power Drivers with Serial Diagnostic Interface

HIP0081AS1 Datasheet (HTML) - Intersil Corporation

Back Button HIP0081AS1 Datasheet HTML 1Page - Intersil Corporation HIP0081AS1 Datasheet HTML 2Page - Intersil Corporation HIP0081AS1 Datasheet HTML 3Page - Intersil Corporation HIP0081AS1 Datasheet HTML 4Page - Intersil Corporation HIP0081AS1 Datasheet HTML 5Page - Intersil Corporation HIP0081AS1 Datasheet HTML 6Page - Intersil Corporation HIP0081AS1 Datasheet HTML 7Page - Intersil Corporation HIP0081AS1 Datasheet HTML 8Page - Intersil Corporation HIP0081AS1 Datasheet HTML 9Page - Intersil Corporation HIP0081AS1 Datasheet HTML 10Page - Intersil Corporation Next Button 

HIP0081AS1 Product details

The HIP0080/0081 Quad Power Drivers contain four individually protected NDMOS power output transistor switches to drive inductive and resistive loads such as: relays, solenoids, injectors, AC and DC motors, heaters and incandescent lamp displays. The 4 Power Drivers are low-side switches driven by CMOS logic input control stages. Each Output Power Driver is protected against over-current, over-temperature and over-voltage. An internal drain-to-gate zener diode provides the clamping protection for over-voltage.

Features
• Low Side Power MOSFET Output Drivers
• Output Driver Protection
    - Over-Current Shutdown
    - Over-Temperature Shutdown with Hysteresis
    - Over-Voltage Internal Clamp
• HIP0081 Output Current Switching Capability:
    - Each Output, IOUT . . . . . . . . . . . . . . . . . . . . . . 2.2A DC
    - All Outputs ON, Equal IOUT . . . . . . . . . . . . . . . . 6A DC
    - All Outputs ON, Equal IOUT . . . . . . . . . . 8A PK, 500ms
• HIP0080 Output Current Switching Capability:
    - Each Output, IOUT . . . . . . . . . . . . . . . . . . . . . . 1.3A DC
    - All Outputs ON, Unequal IOUT . . . . . . . . . . . . . . 3A DC
    - All Outputs ON, Unequal IOUT . . . . . . . . 4A PK, 500ms
• HIP0080 - Low Idle Current Shutdown Mode
• Regulated Interface for 5V CMOS Logic Inputs
• Open Drain High Z DATAOUT
• Fault Mode Output for Shorts, Opens and Over-Temperature
• 16-Bit Serial Diagnostic Register
• SPI Bus Compatible Data Readout
• HIP0081 - Low θJC Power Package . . . . . . . . . . . . 3°C/W
• -40°C to 125°C Operating Temperature Range

Applications
• Drivers For:
    - Solenoids - Injectors
    - Relays - Steppers
    - Power Output - Motors
    - Lamps - Displays
• System Use:
    - Automotive
    - Appliances
    - Industrial
    - Robotics




Similar Part No. - HIP0081AS1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0081AS1 INTERSIL-HIP0081AS1 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
logo
Renesas Technology Corp
HIP0081AS1 RENESAS-HIP0081AS1 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
More results


Similar Description - HIP0081AS1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
   Quad Power Drivers with Serial Diagnostic Interface
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com