Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM-6551B883 Datasheet (PDF) - Intersil Corporation

HM-6551B883 Datasheet PDF - Intersil Corporation
Part # HM-6551B883
Download  HM-6551B883 Download

File Size   116.03 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 256 x 4 CMOS RAM

HM-6551B883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-6551B883 Datasheet PDF - Intersil Corporation

Part # HM-6551B883
Download  HM-6551B883 Click to download

File Size   116.03 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 256 x 4 CMOS RAM

HM-6551B883 Datasheet (HTML) - Intersil Corporation

HM-6551B883 Datasheet HTML 1Page - Intersil Corporation HM-6551B883 Datasheet HTML 2Page - Intersil Corporation HM-6551B883 Datasheet HTML 3Page - Intersil Corporation HM-6551B883 Datasheet HTML 4Page - Intersil Corporation HM-6551B883 Datasheet HTML 5Page - Intersil Corporation HM-6551B883 Datasheet HTML 6Page - Intersil Corporation HM-6551B883 Datasheet HTML 7Page - Intersil Corporation HM-6551B883 Datasheet HTML 8Page - Intersil Corporation HM-6551B883 Datasheet HTML 9Page - Intersil Corporation

HM-6551B883 Product details

Description
The HM-6551 is a 256 x 4 static CMOS RAM fabricated using self-aligned silicon gate technology. Synchronous circuit design techniques are employed to achieve high performance and low power operation.

Features
• Low Power Standby . . . . . . . . . . . . . . . . . . . . 50µW Max
• Low Power Operation . . . . . . . . . . . . . 20mW/MHz Max
• Fast Access Time. . . . . . . . . . . . . . . . . . . . . . 220ns Max
• Data Retention . . . . . . . . . . . . . . . . . . . . . . . .at 2.0V Min
• TTL Compatible Input/Output
• High Output Drive - 1 TTL Load
• Internal Latched Chip Select
• High Noise Immunity
• On-Chip Address Register
• Latched Outputs
• Three-State Output




Similar Part No. - HM-6551B883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
547Kb / 10P
   256 x 4 CMOS RAM
HM-6551/883 INTERSIL-HM-6551/883 Datasheet
547Kb / 10P
   256 x 4 CMOS RAM
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
   256 x 4 CMOS RAM
More results


Similar Description - HM-6551B883

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
   256 x 4 CMOS RAM
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
   256 x 4 CMOS RAM
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com