Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9-3530ARH-Q Datasheet (PDF) - Intersil Corporation

HS9-3530ARH-Q Datasheet PDF - Intersil Corporation
Part # HS9-3530ARH-Q
Download  HS9-3530ARH-Q Download

File Size   29.71 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Programmable Low Power Op Amp

HS9-3530ARH-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
HS9-3530ARH-Q Datasheet PDF - Intersil Corporation

Part # HS9-3530ARH-Q
Download  HS9-3530ARH-Q Click to download

File Size   29.71 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Programmable Low Power Op Amp

HS9-3530ARH-Q Datasheet (HTML) - Intersil Corporation

HS9-3530ARH-Q Datasheet HTML 1Page - Intersil Corporation HS9-3530ARH-Q Datasheet HTML 2Page - Intersil Corporation

HS9-3530ARH-Q Product details

The HS-3530ARH, HS-3530AEH are Low Power Operational Amplifiers, which are internally compensated monolithic devices offering a wide range of performance specifications. Parameters such as power dissipation, slew rate, bandwidth, noise and input DC parameters are programmed by selecting an external resistor or current source. Supply voltages as low as ±3V may be used with little degradation of AC performance. The HS-3530ARH, HS-3530AEH have been specifically designed to meet exposure to space radiation environments. Operation from -55°C to +125°C is guaranteed.

Features
• Radiation Performance
    - Gamma Dose . . . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEL. . . . . . . . . . . . . . . . . . . . . . . . Immune (RSG DI Process)
    - Low dose rate . . . . . . . . . . . . . . . . . . . . . . . . . . 100krad(Si)*
    *Product capability established by initial characterization. The EH
    version is acceptance tested on a wafer by wafer basis to
    50krad(Si) at low dose rate.
• Wide Range AC Programming
    - Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . 0.025 to 0.1V/µs
    - Gain X Bandwidth . . . . . . . . . . . . . . . . . . 30kHz to 750kHz
• Wide Range DC Programming
    - Power Supply Range . . . . . . . . . . . . . . . . . . . ±3.0V to ±15V
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 15µA to 150µA
• Output Current . . . . . . . . . . . . . . . . . . . . . . . 0.25mA to 2.5mA
• Quiescent Power . . . . . . . . . . . . . . . . . . . . . . . . . 4.8mW (Max)
• Dielectrically Isolated Device Islands
• Short Circuit Protection
• Full -55°C to +125°C Military Temperature Range




Similar Part No. - HS9-3530ARH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-3530ARH-Q INTERSIL-HS9-3530ARH-Q Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
More results


Similar Description - HS9-3530ARH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3530ARH INTERSIL-HS-3530ARH_12 Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Intersil Corporation
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
   Low Power, Radiation Hardened Programmable Operational Amplifier
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
   Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
165Kb / 23P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com