Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-65647RH Datasheet (PDF) - Intersil Corporation

HS1-65647RH Datasheet PDF - Intersil Corporation
Part # HS1-65647RH
Download  HS1-65647RH Download

File Size   110.83 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8K x 8 SOS CMOS Static RAM

HS1-65647RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS1-65647RH Datasheet PDF - Intersil Corporation

Part # HS1-65647RH
Download  HS1-65647RH Click to download

File Size   110.83 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8K x 8 SOS CMOS Static RAM

HS1-65647RH Datasheet (HTML) - Intersil Corporation

Back Button HS1-65647RH Datasheet HTML 1Page - Intersil Corporation HS1-65647RH Datasheet HTML 2Page - Intersil Corporation HS1-65647RH Datasheet HTML 3Page - Intersil Corporation HS1-65647RH Datasheet HTML 4Page - Intersil Corporation HS1-65647RH Datasheet HTML 5Page - Intersil Corporation HS1-65647RH Datasheet HTML 6Page - Intersil Corporation HS1-65647RH Datasheet HTML 7Page - Intersil Corporation HS1-65647RH Datasheet HTML 8Page - Intersil Corporation HS1-65647RH Datasheet HTML 9Page - Intersil Corporation HS1-65647RH Datasheet HTML 10Page - Intersil Corporation Next Button 

HS1-65647RH Product details

Description
The Intersil HS-65647RH is a fully asynchronous 8K x 8 radiation hardened static RAM. This RAM is fabricated using the Intersil 1.2 micron silicon-on-sapphire CMOS technology. This technology gives exceptional hardness to all types of radiation, including neutron fluence, total ionizing dose, high intensity ionizing dose rates, and cosmic rays.

Features
• 1.2 Micron Radiation Hardened SOS CMOS
    - Total Dose 3 x 105 RAD (Si)
    - Transient Upset >1 x 1011 RAD (Si)/s
    - Single Event Upset < 1 x 10-12 Errors/Bit-Day
• Latch-up Free
• LET Threshold >250 MEV/mg/cm2
• Low Standby Supply Current 10mA (Max)
• Low Operating Supply Current 100mA (2MHz)
• Fast Access Time 50ns (Max), 35ns (Typ)
• High Output Drive Capability
• Gated Input Buffers (Gated by E2)
• Six Transistor Memory Cell
• Fully Static Design
• Asynchronous Operation
• CMOS Inputs
• 5V Single Power Supply
• Military Temperature Range -55°C to +125°C
• Industry Standard JEDEC Pinout




Similar Part No. - HS1-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-65647RH-8 INTERSIL-HS1-65647RH-8 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS1-65647RH-Q INTERSIL-HS1-65647RH-Q Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS1-65647RH/PROTO INTERSIL-HS1-65647RH/PROTO Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results


Similar Description - HS1-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com