Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-5503-KJ000 Datasheet (PDF) - Agilent(Hewlett-Packard)

5082-5503-KJ000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # 5082-5503-KJ000
Download  5082-5503-KJ000 Download

File Size   289.48 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 14.2 mm (0.56 inch) Seven Segment Displays

5082-5503-KJ000 Datasheet (PDF)

Go To PDF Page Download Datasheet
5082-5503-KJ000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # 5082-5503-KJ000
Download  5082-5503-KJ000 Click to download

File Size   289.48 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 14.2 mm (0.56 inch) Seven Segment Displays

5082-5503-KJ000 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button 5082-5503-KJ000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-5503-KJ000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

5082-5503-KJ000 Product details

Description

The 14.2 mm (0.56 inch) LED seven segment displays are designed for viewing distances up to 7 metres (23 feet). These devices use an industry standard size package and pinout. Both the numeric and ± 1 overflow devices feature a right hand decimal point. All devices are available as either common anode or common cathode.



Features

• Industry Standard Size

• Industry Standard Pinout

  15.24 mm (0.6 in.) DIP Leads on 2.54 mm (0.1 in.) Centers

• Choice of Colors

  AlGaAs Red, High Efficiency Red, Yellow, Green, Orange

• Excellent Appearance

  Evenly Lighted Segments Mitered Corners on Segments Gray Package Gives Optimum Contrast ± 50° Viewing Angle

• Design Flexibility

  Common Anode or Common Cathode

  Single and Dual Digits

  Right Hand Decimal Point

  ± 1. Overflow Character

• Categorized for Luminous Intensity

  Yellow and Green Categorized for Color

  Use of Like Categories Yields a Uniform Display

• High Light Output

• High Peak Current

• Excellent for Long Digit String Multiplexing

• Intensity and Color Selection Option

  See Intensity and Color

  Selected Displays Data Sheet

• Sunlight Viewable AlGaAs



 




Similar Part No. - 5082-5503-KJ000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5551-00000 HP-5082-5551-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0A000 HP-5082-5551-0A000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0B000 HP-5082-5551-0B000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0C000 HP-5082-5551-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0D000 HP-5082-5551-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results


Similar Description - 5082-5503-KJ000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com