Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP45256JI-33 Datasheet (PDF) - Intersil Corporation

HSP45256JI-33 Datasheet PDF - Intersil Corporation
Part # HSP45256JI-33
Download  HSP45256JI-33 Download

File Size   154.33 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Binary Correlator

HSP45256JI-33 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP45256JI-33 Datasheet PDF - Intersil Corporation

Part # HSP45256JI-33
Download  HSP45256JI-33 Click to download

File Size   154.33 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Binary Correlator

HSP45256JI-33 Datasheet (HTML) - Intersil Corporation

Back Button HSP45256JI-33 Datasheet HTML 1Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 2Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 3Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 4Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 5Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 6Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 7Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 8Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 9Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 10Page - Intersil Corporation Next Button 

HSP45256JI-33 Product details

The Intersil HSP45256 is a high-speed, 256 tap binary correlator. It can be configured to perform one-dimensional or two-dimensional correlations of selectable data precision and length. Multiple HSP45256’s can be cascaded for increased correlation length. Unused taps can be masked out for reduced correlation length.

Features
• Reconfigurable 256 Stage Binary Correlator
• 1-Bit Reference x 1, 2, 4, or 8-Bit Data
• Separate Control and Reference Interfaces
• 25.6, 33MHz Versions
• Configurable for 1-D and 2-D Operation
• Double Buffered Mask and Reference
• Programmable Output Delay
• Cascadable
• Standard Microprocessor Interface

Applications
• Radar/Sonar
• Spread Spectrum Communications
• Pattern/Character Recognition
    - Error Correction Coding




Similar Part No. - HSP45256JI-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45256/883 INTERSIL-HSP45256/883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256GM-20/883 INTERSIL-HSP45256GM-20/883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256GM-25/883 INTERSIL-HSP45256GM-25/883 Datasheet
207Kb / 9P
   Binary Correlator
More results


Similar Description - HSP45256JI-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
logo
Motorola, Inc
MCS38140PG05C MOTOROLA-MCS38140PG05C Datasheet
188Kb / 10P
   GPS Digital Correlator
logo
Mitel Networks Corporat...
GP2021 MITEL-GP2021 Datasheet
372Kb / 62P
   GPS 12 channel Correlator Advance Information
logo
Motorola, Inc
MPG1654 MOTOROLA-MPG1654 Datasheet
204Kb / 6P
   Binary Counter
logo
M/A-COM Technology Solu...
906R5K-SP03 MA-COM-906R5K-SP03 Datasheet
577Kb / 3P
   Binary Capacitor
logo
ON Semiconductor
MC10178 ONSEMI-MC10178_02 Datasheet
112Kb / 8P
   Binary Counter
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC5027BP TOSHIBA-TC5027BP Datasheet
197Kb / 4P
   BINARY COUNTER
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
   Binary Counter
1996 REV 5
logo
Motorola, Inc
MC10154 MOTOROLA-MC10154 Datasheet
85Kb / 4P
   Binary Counter
logo
Zarlink Semiconductor I...
GP1020 ZARLINK-GP1020 Datasheet
345Kb / 44P
   SIX-CHANNEL PARALLEL CORRELATOR CIRCUIT FOR GPS OR GLONASS RECEIVERS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com