Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-K-C-26-6-S-7-R Datasheet (PDF) - Assmann Electronics Inc.

AT-K-C-26-6-S-7-R Datasheet PDF - Assmann Electronics Inc.
Part # AT-K-C-26-6-S-7-R
Download  AT-K-C-26-6-S-7-R Download

File Size   282.77 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description NON-UL 26AWG (0.16/7)*6C, O.D.: 2.4*6.8MM

AT-K-C-26-6-S-7-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-K-C-26-6-S-7-R Datasheet PDF - Assmann Electronics Inc.

Part # AT-K-C-26-6-S-7-R
Download  AT-K-C-26-6-S-7-R Click to download

File Size   282.77 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description NON-UL 26AWG (0.16/7)*6C, O.D.: 2.4*6.8MM

AT-K-C-26-6-S-7-R Datasheet (HTML) - Assmann Electronics Inc.

AT-K-C-26-6-S-7-R Datasheet HTML 1Page - Assmann Electronics Inc.



Similar Part No. - AT-K-C-26-6-S-7-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-K-C-26-6-S-10-R ASSMANN-AT-K-C-26-6-S-10-R Datasheet
268Kb / 1P
   NON-UL 26AWG (0.16/7)
AT-K-C-26-6-S-14-R ASSMANN-AT-K-C-26-6-S-14-R Datasheet
284Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-S-25-R ASSMANN-AT-K-C-26-6-S-25-R Datasheet
284Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-S-5-R ASSMANN-AT-K-C-26-6-S-5-R Datasheet
280Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
More results


Similar Description - AT-K-C-26-6-S-7-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-K-C-26-6-B-7-R ASSMANN-AT-K-C-26-6-B-7-R Datasheet
282Kb / 1P
   NON-UL 26AWG (0.16/7)*6C, O.D.: 2.4*6.8MM
AT-K-C-26-6-W-7-R ASSMANN-AT-K-C-26-6-W-7-R Datasheet
282Kb / 1P
   NON-UL 26AWG (0.16/7)*6C, O.D.: 2.4*6.8MM
AT-C-26-6-6-S-14-OE-R ASSMANN-AT-C-26-6-6-S-14-OE-R Datasheet
205Kb / 1P
   NON-UL 26AWG (0.12X12)*6C, O.D.: 2.4*6.8MM
AT-C-26-6-6-W-14-OE-R ASSMANN-AT-C-26-6-6-W-14-OE-R Datasheet
205Kb / 1P
   NON-UL 26AWG (0.12X12)*6C, O.D.: 2.4*6.8MM,
AT-C-26-6-6-B-7-OE-R ASSMANN-AT-C-26-6-6-B-7-OE-R Datasheet
205Kb / 1P
   NON-UL 26AWG (0.12X12)*6C, O.D.: 2.4*6.8MM
AT-C-26-6-6-S-25-OE-R ASSMANN-AT-C-26-6-6-S-25-OE-R Datasheet
205Kb / 1P
   NON-UL 26AWG (0.12X12)*6C, O.D.: 2.4*6.8MM
AT-C-26-6-6-W-25-OE-R ASSMANN-AT-C-26-6-6-W-25-OE-R Datasheet
205Kb / 1P
   NON-UL 26AWG (0.12X12)*6C, O.D.: 2.4*6.8MM,
AT-C-26-6-6-S-7-OE-R ASSMANN-AT-C-26-6-6-S-7-OE-R Datasheet
205Kb / 1P
   NON-UL 26AWG (0.12X12)*6C, O.D.: 2.4*6.8MM
AT-C-26-6-6-W-7-OE-R ASSMANN-AT-C-26-6-6-W-7-OE-R Datasheet
204Kb / 1P
   NON-UL 26AWG (0.12X12)*6C, O.D.: 2.4*6.8MM
AT-C-26-8-8-S-14-OE-R ASSMANN-AT-C-26-8-8-S-14-OE-R Datasheet
213Kb / 1P
   NON-UL 26AWG (0.16/7)*8C, O.D.: 2.4*8.8MM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com