Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF75652G3 Datasheet (PDF) - Intersil Corporation

HUF75652G3 Datasheet PDF - Intersil Corporation
Part # HUF75652G3
Download  HUF75652G3 Download

File Size   344.0 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET

HUF75652G3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF75652G3 Datasheet PDF - Intersil Corporation

Part # HUF75652G3
Download  HUF75652G3 Click to download

File Size   344.0 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET

HUF75652G3 Datasheet (HTML) - Intersil Corporation

HUF75652G3 Datasheet HTML 1Page - Intersil Corporation HUF75652G3 Datasheet HTML 2Page - Intersil Corporation HUF75652G3 Datasheet HTML 3Page - Intersil Corporation HUF75652G3 Datasheet HTML 4Page - Intersil Corporation HUF75652G3 Datasheet HTML 5Page - Intersil Corporation HUF75652G3 Datasheet HTML 6Page - Intersil Corporation HUF75652G3 Datasheet HTML 7Page - Intersil Corporation HUF75652G3 Datasheet HTML 8Page - Intersil Corporation HUF75652G3 Datasheet HTML 9Page - Intersil Corporation

HUF75652G3 Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.008Ω, VGS = 10V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER© Electrical Models
    - Spice and SABER© Thermal Impedance Models
    - www.semi.Intersil.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve




Similar Part No. - HUF75652G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
ON Semiconductor
HUF75652G3 ONSEMI-HUF75652G3 Datasheet
545Kb / 12P
   MOSFET ??Power, N-Channel, Ultrafet 100 V, 75 A, 8 m
March, 2020 ??Rev. 3
More results


Similar Description - HUF75652G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
HUFA75652G3 FAIRCHILD-HUFA75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
RFG75N05E INTERSIL-RFG75N05E Datasheet
53Kb / 6P
   75A, 50V, 0.008 Ohm, N-Channel Power MOSFET
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com