Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFG60P06E Datasheet (PDF) - Intersil Corporation

RFG60P06E Datasheet PDF - Intersil Corporation
Part # RFG60P06E
Download  RFG60P06E Download

File Size   65.36 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET

RFG60P06E Datasheet (PDF)

Go To PDF Page Download Datasheet
RFG60P06E Datasheet PDF - Intersil Corporation

Part # RFG60P06E
Download  RFG60P06E Click to download

File Size   65.36 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET

RFG60P06E Datasheet (HTML) - Intersil Corporation

RFG60P06E Datasheet HTML 1Page - Intersil Corporation RFG60P06E Datasheet HTML 2Page - Intersil Corporation RFG60P06E Datasheet HTML 3Page - Intersil Corporation RFG60P06E Datasheet HTML 4Page - Intersil Corporation RFG60P06E Datasheet HTML 5Page - Intersil Corporation RFG60P06E Datasheet HTML 6Page - Intersil Corporation RFG60P06E Datasheet HTML 7Page - Intersil Corporation

RFG60P06E Product details

The RFG60P06E P-Channel power MOSFET is manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers and relay drivers. These transistors can be operated directly from integrated circuits.
The RFG60P06E incorporates ESD protection and is designed to withstand 2kV (Human Body Model) of ESD.

Features
• 60A, 60V
• rDS(ON) = 0.030Ω
• Temperature Compensating PSPICE® Model
• 2kV ESD Rated
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175°C Operating Temperature
• Related Literature




Similar Part No. - RFG60P06E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P06E FAIRCHILD-RFG60P06E Datasheet
380Kb / 8P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
More results


Similar Description - RFG60P06E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P06E FAIRCHILD-RFG60P06E Datasheet
380Kb / 8P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
RFT1P06E INTERSIL-RFT1P06E Datasheet
82Kb / 8P
   1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
   8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
   2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
   60A, 60V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com