Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFL1N12L Datasheet (PDF) - Intersil Corporation

RFL1N12L Datasheet PDF - Intersil Corporation
Part # RFL1N12L
Download  RFL1N12L Download

File Size   31.0 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs

RFL1N12L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFL1N12L Datasheet PDF - Intersil Corporation

Part # RFL1N12L
Download  RFL1N12L Click to download

File Size   31.0 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs

RFL1N12L Datasheet (HTML) - Intersil Corporation

RFL1N12L Datasheet HTML 1Page - Intersil Corporation RFL1N12L Datasheet HTML 2Page - Intersil Corporation RFL1N12L Datasheet HTML 3Page - Intersil Corporation RFL1N12L Datasheet HTML 4Page - Intersil Corporation

RFL1N12L Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors specifically designed for use with logic level (5V) driving sources in applications such as programmable controllers, automotive switching, and solenoid drivers. This performance is accomplished through a special gate oxide design which provides full rated conduction at gate biases in the 3V to 5V range, thereby facilitating true on-off power control directly from logic circuit supply voltages.
Formerly developmental type TA09528.

Features
• 1A, 120V and 150V
• rDS(ON) = 1.900Ω




Similar Part No. - RFL1N12L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1N12 NJSEMI-RFL1N12 Datasheet
138Kb / 2P
   N-Channel Power MOSFETs
More results


Similar Description - RFL1N12L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
   4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
   2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
RFP2N08L INTERSIL-RFP2N08L Datasheet
35Kb / 5P
   2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
   4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N10L INTERSIL-RFL1N10L Datasheet
29Kb / 5P
   1A, 100V, 1.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com