Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP6N50 Datasheet (PDF) - Intersil Corporation

RFP6N50 Datasheet PDF - Intersil Corporation
Part # RFP6N50
Download  RFP6N50 Download

File Size   32.82 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs

RFP6N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP6N50 Datasheet PDF - Intersil Corporation

Part # RFP6N50
Download  RFP6N50 Click to download

File Size   32.82 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs

RFP6N50 Datasheet (HTML) - Intersil Corporation

RFP6N50 Datasheet HTML 1Page - Intersil Corporation RFP6N50 Datasheet HTML 2Page - Intersil Corporation RFP6N50 Datasheet HTML 3Page - Intersil Corporation RFP6N50 Datasheet HTML 4Page - Intersil Corporation

RFP6N50 Product details

Description

These are N-Channel enhancement mode silicon gate power field effect transistors specifically designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from inte grated circuits.



Features

• 6A, 450V and 500V

• rDS(ON) = 1.250Ω

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedence

• Majority Carrier Device

• Related Literature

   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”



 




Similar Part No. - RFP6N50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP60N06 INTERSIL-RFP60N06 Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP60P03 FAIRCHILD-RFP60P03 Datasheet
104Kb / 6P
   60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFP60P03 INTERSIL-RFP60P03 Datasheet
88Kb / 7P
   60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
   -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
logo
List of Unclassifed Man...
RFP6P08 ETC-RFP6P08 Datasheet
445Kb / 8P
   P CHANNEL ENHANCEMENT MODE POWER FIELD EFFECT TRANSISTORS
More results


Similar Description - RFP6N50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
   3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
Intersil Corporation
FRM440D INTERSIL-FRM440D Datasheet
47Kb / 6P
   6A, 500V, 1.40 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
   2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com