Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP10P15 Datasheet (PDF) - Intersil Corporation

RFP10P15 Datasheet PDF - Intersil Corporation
Part # RFP10P15
Download  RFP10P15 Download

File Size   305.11 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -10A, -150V, 0.500 Ohm, P-Channel Power MOSFET

RFP10P15 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP10P15 Datasheet PDF - Intersil Corporation

Part # RFP10P15
Download  RFP10P15 Click to download

File Size   305.11 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -10A, -150V, 0.500 Ohm, P-Channel Power MOSFET

RFP10P15 Datasheet (HTML) - Intersil Corporation

RFP10P15 Datasheet HTML 1Page - Intersil Corporation RFP10P15 Datasheet HTML 2Page - Intersil Corporation RFP10P15 Datasheet HTML 3Page - Intersil Corporation RFP10P15 Datasheet HTML 4Page - Intersil Corporation RFP10P15 Datasheet HTML 5Page - Intersil Corporation

RFP10P15 Product details

This P-Channel enhancement mode silicon gate power field effect transistor is designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA9404.

Features
• -10A, -150V
• rDS(ON) = 0.500Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP10P15

ManufacturerPart #DatasheetDescription
logo
GE Solid State
RFP10P15 GESS-RFP10P15 Datasheet
242Kb / 4P
   P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS
More results


Similar Description - RFP10P15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
   10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
IRF9240 INTERSIL-IRF9240 Datasheet
63Kb / 7P
   -11A, -200V, 0.500 Ohm, P-Channel Power MOSFET
IRFP9240 INTERSIL-IRFP9240 Datasheet
56Kb / 7P
   12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
   11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
RFP10N15 INTERSIL-RFP10N15 Datasheet
40Kb / 5P
   10A, 150V, 0.300 Ohm, N-Channel Power MOSFETs
logo
TECH PUBLIC Electronics...
SI2325DS TECHPUBLIC-SI2325DS Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15_07 Datasheet
869Kb / 9P
   150V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
FDN86265P-TP TECHPUBLIC-FDN86265P-TP Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
   150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
   150V P-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com