Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03P4J Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

03P4J Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 03P4J
Download  03P4J Download

File Size   1421.04 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description SCR Thyristor

03P4J Datasheet (PDF)

Go To PDF Page Download Datasheet
03P4J Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 03P4J
Download  03P4J Click to download

File Size   1421.04 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description SCR Thyristor

03P4J Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd

03P4J Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 03P4J Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 03P4J Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd


Similar Part No. - 03P4J

ManufacturerPart #DatasheetDescription
logo
NEC
03P4J NEC-03P4J Datasheet
298Kb / 4P
   ALL DIFFUSED TYPE SCR POWER MINI MOLD
logo
Tiger Electronic Co.,Lt...
03P4J TGS-03P4J Datasheet
1Mb / 3P
   High Anode to Cathode Voltage
More results


Similar Description - 03P4J

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BT169 KEXIN-BT169 Datasheet
1Mb / 4P
   SCR Thyristor
MCK22-8 KEXIN-MCK22-8 Datasheet
2Mb / 3P
   SCR Thyristor
BT169-HF KEXIN-BT169-HF Datasheet
1Mb / 4P
   SCR Thyristor
logo
Vishay Siliconix
VS-40TTS12PBF VISHAY-VS-40TTS12PBF Datasheet
119Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-40TPS16PBF VISHAY-VS-40TPS16PBF_15 Datasheet
211Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
logo
First Silicon Co., Ltd
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
   Silicon Planar PNPN Thyristor (16A SCR)
logo
Vishay Siliconix
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
   Thyristor, Surface Mount, Phase Control SCR, 16 A
Revision: 22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
   Thyristor Surface Mount, Phase Control SCR
Revision: 22-Feb-18
logo
First Silicon Co., Ltd
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
   Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
logo
Vishay Siliconix
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3 Datasheet
170Kb / 8P
   Thyristor High Voltage, Phase Control SCR,
Revision: 26-Jul-13
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com