Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE68A Datasheet (PDF) - SUNMATE electronic Co., LTD

P6KE68A Datasheet PDF - SUNMATE electronic Co., LTD
Part # P6KE68A
Download  P6KE68A Download

File Size   71.81 Kbytes
Page   4 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 600W Axial Lead Transient Voltage Suppessors

P6KE68A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE68A Datasheet PDF - SUNMATE electronic Co., LTD

Part # P6KE68A
Download  P6KE68A Click to download

File Size   71.81 Kbytes
Page   4 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 600W Axial Lead Transient Voltage Suppessors

P6KE68A Datasheet (HTML) - SUNMATE electronic Co., LTD

P6KE68A Datasheet HTML 1Page - SUNMATE electronic Co., LTD P6KE68A Datasheet HTML 2Page - SUNMATE electronic Co., LTD P6KE68A Datasheet HTML 3Page - SUNMATE electronic Co., LTD P6KE68A Datasheet HTML 4Page - SUNMATE electronic Co., LTD



Similar Part No. - P6KE68A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
P6KE68A TAITRON-P6KE68A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
Microdiode Electronics ...
P6KE68A CHENDA-P6KE68A Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
Motorola, Inc
P6KE68A MOTOROLA-P6KE68A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE68A VISHAY-P6KE68A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
HuaXinAn Electronics CO...
P6KE68A HUAXINAN-P6KE68A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
More results


Similar Description - P6KE68A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
logo
UN Semiconducctor INC
P6KE UNSEMI-P6KE Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
   Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
   Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
   Axial Lead Transient Voltage Suppressors
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SAC SOCAY-SAC Datasheet
241Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com