Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856338 Datasheet (PDF) - TriQuint Semiconductor

856338 Datasheet PDF - TriQuint Semiconductor
Part # 856338_15
Download  856338 Download

File Size   554.84 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 970 MHz SAW Filter

856338 Datasheet (PDF)

Go To PDF Page Download Datasheet
856338 Datasheet PDF - TriQuint Semiconductor

Part # 856338_15
Download  856338 Click to download

File Size   554.84 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 970 MHz SAW Filter

856338 Datasheet (HTML) - TriQuint Semiconductor

856338_15 Datasheet HTML 1Page - TriQuint Semiconductor 856338_15 Datasheet HTML 2Page - TriQuint Semiconductor 856338_15 Datasheet HTML 3Page - TriQuint Semiconductor 856338_15 Datasheet HTML 4Page - TriQuint Semiconductor 856338_15 Datasheet HTML 5Page - TriQuint Semiconductor



Similar Part No. - 856338_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856330 TRIQUINT-856330_15 Datasheet
517Kb / 5P
   1086 MHz SAW Filter
logo
List of Unclassifed Man...
856331 ETC2-856331 Datasheet
741Kb / 6P
   836.5/881.5 MHz SAW Duplexer
logo
TriQuint Semiconductor
856339 TRIQUINT-856339_15 Datasheet
577Kb / 5P
   970 MHz SAW Filter
More results


Similar Description - 856338_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856339 TRIQUINT-856339_15 Datasheet
577Kb / 5P
   970 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Pasternack Enterprises,...
PE51012 PASTERNACK-PE51012 Datasheet
55Kb / 1P
   Yagi Antenna, 896 - 970 MHz, 11dB
PE51011 PASTERNACK-PE51011 Datasheet
57Kb / 1P
   Yagi Antenna, 896 - 970 MHz, 9dB
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com