Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB06-600B Datasheet (PDF) - Kersemi Electronic Co., Ltd.

BTB06-600B Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # BTB06-600B
Download  BTB06-600B Download

File Size   1052.3 Kbytes
Page   5 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 6A TRIACS

BTB06-600B Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB06-600B Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # BTB06-600B
Download  BTB06-600B Click to download

File Size   1052.3 Kbytes
Page   5 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 6A TRIACS

BTB06-600B Datasheet (HTML) - Kersemi Electronic Co., Ltd.

BTB06-600B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTB06-600B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTB06-600B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTB06-600B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTB06-600B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.

BTB06-600B Product details

DESCRIPTION
Suitable for AC switching operations, the BTA/ BTB06 series can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control in light dimmers, motor speed controllers,...
The snubberless and logic level versions (BTA/ BTB...W) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards (File ref.: E81734)




Similar Part No. - BTB06-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
64Kb / 5P
   STANDARD TRIACS
logo
JIEJIE MICROELECTRONICS...
BTB06-600B JIEJIE-BTB06-600B Datasheet
578Kb / 5P
   6A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB06-600B TGS-BTB06-600B Datasheet
93Kb / 1P
   6A TRIACS
logo
HAOPIN MICROELECTRONICS...
BTB06-600B HAOPIN-BTB06-600B Datasheet
393Kb / 5P
   Blocking voltage to 600 V
More results


Similar Description - BTB06-600B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com