Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGC4402-SM Datasheet (PDF) - TriQuint Semiconductor

TGC4402-SM Datasheet PDF - TriQuint Semiconductor
Part # TGC4402-SM
Download  TGC4402-SM Download

File Size   441.29 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 18 ??6 GHz Packaged Upconverting Mixer

TGC4402-SM Datasheet (PDF)

Go To PDF Page Download Datasheet
TGC4402-SM Datasheet PDF - TriQuint Semiconductor

Part # TGC4402-SM
Download  TGC4402-SM Click to download

File Size   441.29 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 18 ??6 GHz Packaged Upconverting Mixer

TGC4402-SM Datasheet (HTML) - TriQuint Semiconductor

Back Button TGC4402-SM Datasheet HTML 1Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 2Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 3Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 4Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 5Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 6Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 7Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 8Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 9Page - TriQuint Semiconductor TGC4402-SM Datasheet HTML 10Page - TriQuint Semiconductor Next Button 



Similar Part No. - TGC4402-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4402-SM TRIQUINT-TGC4402-SM Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
More results


Similar Description - TGC4402-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4402-SM TRIQUINT-TGC4402-SM Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
TGC4402 TRIQUINT-TGC4402 Datasheet
415Kb / 10P
   17 ??27 GHz Upconverting Mixer
TGC4402 TRIQUINT-TGC4402_15 Datasheet
415Kb / 10P
   17 ??27 GHz Upconverting Mixer
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
logo
Linear Technology
LT5511 LINER-LT5511_15 Datasheet
289Kb / 16P
   High Signal Level Upconverting Mixer
logo
Pasternack Enterprises,...
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
   50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
logo
Linear Technology
LT5511 LINER-LT5511 Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
logo
HBH Microwave GmbH
HX5002_SMD HBH-HX5002_SMD Datasheet
19Kb / 1P
   4 - 6 GHz Mixer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com