Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21W Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAS21W Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # BAS21W
Download  BAS21W Download

File Size   152.15 Kbytes
Page   3 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SWITCHING DIODE

BAS21W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21W Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BAS21W
Download  BAS21W Click to download

File Size   152.15 Kbytes
Page   3 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SWITCHING DIODE

BAS21W Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAS21W Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS21W Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS21W Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAS21W Product details

FEATURES

  Power dissipation

     PD : 200 mW( Tamb=25℃)

  Collector current

     IF : 200 mA

  Collector-base voltage

     VR : 19W:120 V; 20W:150V ; 21W:200V

  Operating and storage junction temperature range

     TJ, Tstg: -55℃ to +150℃



 




Similar Part No. - BAS21W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS21W PANJIT-BAS21W Datasheet
110Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS21W LUGUANG-BAS21W Datasheet
222Kb / 2P
   Switching Diode
logo
Goodwork Semiconductor ...
BAS21W GWSEMI-BAS21W Datasheet
244Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
Transys Electronics
BAS21W TRSYS-BAS21W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
NXP Semiconductors
BAS21W PHILIPS-BAS21W Datasheet
76Kb / 11P
   High-voltage switching diodes
Rev. 01-9 October 2009
More results


Similar Description - BAS21W

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com