Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4177 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC4177 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # 2SC4177
Download  2SC4177 Download

File Size   129.41 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description NPN TRANSISTOR

2SC4177 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4177 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SC4177
Download  2SC4177 Click to download

File Size   129.41 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description NPN TRANSISTOR

2SC4177 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC4177 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC4177 Product details

FEATURES
    Power dissipation
        PCM: 0.15 W (Tamb=25℃)
    Collector current
        ICM: 0.1 A
    Collector-base voltage
        V(BR)CBO: 60 V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃



Similar Part No. - 2SC4177

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4177 NEC-2SC4177 Datasheet
256Kb / 4P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC4177 KEXIN-2SC4177 Datasheet
47Kb / 1P
   NPN Silicon Epitaxia
logo
SeCoS Halbleitertechnol...
2SC4177 SECOS-2SC4177 Datasheet
109Kb / 1P
   NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4177 HTSEMI-2SC4177 Datasheet
456Kb / 1P
   TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
2SC4177 BILIN-2SC4177 Datasheet
291Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Similar Description - 2SC4177

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com