Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS2012A0E1HC Datasheet (PDF) - BetLux Electronics

BL-LS2012A0E1HC Datasheet PDF - BetLux Electronics
Part # BL-LS2012A0E1HC
Download  BL-LS2012A0E1HC Download

File Size   531.43 Kbytes
Page   6 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 2.0mmx1.25mm SMD, 1.1mm THICKNESS

BL-LS2012A0E1HC Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-LS2012A0E1HC Datasheet PDF - BetLux Electronics

Part # BL-LS2012A0E1HC
Download  BL-LS2012A0E1HC Click to download

File Size   531.43 Kbytes
Page   6 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 2.0mmx1.25mm SMD, 1.1mm THICKNESS

BL-LS2012A0E1HC Datasheet (HTML) - BetLux Electronics

BL-LS2012A0E1HC Datasheet HTML 1Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 2Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 3Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 4Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 5Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 6Page - BetLux Electronics



Similar Part No. - BL-LS2012A0E1HC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
More results


Similar Description - BL-LS2012A0E1HC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
BL-LS3216B0E1 BETLUX-BL-LS3216B0E1 Datasheet
561Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
BL-LS3216C0E1 BETLUX-BL-LS3216C0E1 Datasheet
535Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
ECS, Inc.
ECX-64 ECS-ECX-64_14 Datasheet
110Kb / 2P
   1.1mm SMD QUARTZ CRYSTAL
ECX-64 ECS-ECX-64 Datasheet
108Kb / 1P
   1.1mm SMD QUARTZ CRYSTAL
logo
Kyocera Kinseki Corpota...
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
   Ultra-thin, thickness 1.1mm or less.
logo
Kingbright Corporation
AP3216F3C KINGBRIGHT-AP3216F3C Datasheet
132Kb / 5P
   3.2mm x 1.6mm SMT LED, 1.1mm Thickness
logo
Sharp Corporation
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1T51A SHARP-LT1T51A Datasheet
101Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com