Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS3806A0S1UYO Datasheet (PDF) - BetLux Electronics

BL-LS3806A0S1UYO Datasheet PDF - BetLux Electronics
Part # BL-LS3806A0S1UYO
Download  BL-LS3806A0S1UYO Download

File Size   366.38 Kbytes
Page   8 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 3.8mmx0.6mm SMD, 1.2mm THICKNESS side emitting

BL-LS3806A0S1UYO Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-LS3806A0S1UYO Datasheet PDF - BetLux Electronics

Part # BL-LS3806A0S1UYO
Download  BL-LS3806A0S1UYO Click to download

File Size   366.38 Kbytes
Page   8 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 3.8mmx0.6mm SMD, 1.2mm THICKNESS side emitting

BL-LS3806A0S1UYO Datasheet (HTML) - BetLux Electronics

BL-LS3806A0S1UYO Datasheet HTML 1Page - BetLux Electronics BL-LS3806A0S1UYO Datasheet HTML 2Page - BetLux Electronics BL-LS3806A0S1UYO Datasheet HTML 3Page - BetLux Electronics BL-LS3806A0S1UYO Datasheet HTML 4Page - BetLux Electronics BL-LS3806A0S1UYO Datasheet HTML 5Page - BetLux Electronics BL-LS3806A0S1UYO Datasheet HTML 6Page - BetLux Electronics BL-LS3806A0S1UYO Datasheet HTML 7Page - BetLux Electronics BL-LS3806A0S1UYO Datasheet HTML 8Page - BetLux Electronics



Similar Part No. - BL-LS3806A0S1UYO

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C150 BETLUX-BL-LS3014B1S1UWC-C150 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C30 BETLUX-BL-LS3014B1S1UWC-C30 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C60 BETLUX-BL-LS3014B1S1UWC-C60 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
More results


Similar Description - BL-LS3806A0S1UYO

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
logo
NTE Electronics
NTE3163 NTE-NTE3163 Datasheet
77Kb / 2P
   Light Emitting Diode - 1.2mm x 5.9mm
logo
Kyocera Kinseki Corpota...
CX-91F KSS-CX-91F Datasheet
148Kb / 1P
   Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)
logo
Everlight Electronics C...
EAISV3027A0 EVERLIGHT-EAISV3027A0 Datasheet
643Kb / 9P
   1.2mm round Subminiature Side Looking Infrared LED
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
logo
Fox Electronics
K122 FOX-K122 Datasheet
403Kb / 3P
   2 x 1.2mm SMD Tuning Fork
logo
Everlight Electronics C...
IR26-61C-L302-TR8 EVERLIGHT-IR26-61C-L302-TR8 Datasheet
203Kb / 9P
   1.2mm round Subminiature Side Looking Infrared LED
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
   1.6 x 1.2mm Ceramic SMD Crystal
K125 FOX-K125 Datasheet
398Kb / 3P
   2 x 1.2mm SMD Tuning Fork
logo
Micrel Semiconductor
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com