Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1371CR Datasheet (PDF) - Linear Technology

LT1371CR Datasheet PDF - Linear Technology
Part # LT1371CR
Download  LT1371CR Download

File Size   320.52 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 500kHz High Efficiency 3A Switching Regulator

LT1371CR Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1371CR Datasheet PDF - Linear Technology

Part # LT1371CR
Download  LT1371CR Click to download

File Size   320.52 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 500kHz High Efficiency 3A Switching Regulator

LT1371CR Datasheet (HTML) - Linear Technology

Back Button LT1371CR Datasheet HTML 1Page - Linear Technology LT1371CR Datasheet HTML 2Page - Linear Technology LT1371CR Datasheet HTML 3Page - Linear Technology LT1371CR Datasheet HTML 4Page - Linear Technology LT1371CR Datasheet HTML 5Page - Linear Technology LT1371CR Datasheet HTML 6Page - Linear Technology LT1371CR Datasheet HTML 7Page - Linear Technology LT1371CR Datasheet HTML 8Page - Linear Technology LT1371CR Datasheet HTML 9Page - Linear Technology LT1371CR Datasheet HTML 10Page - Linear Technology Next Button 



Similar Part No. - LT1371CR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
LT1371HV LINER-LT1371HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
More results


Similar Description - LT1371CR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1370 LINER-LT1370 Datasheet
293Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
logo
ACE Technology Co., LTD...
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
   High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
logo
Linear Technology
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
   High Voltage, 3A, 500kHz Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
   High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com