Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5945 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1SMB5945 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1SMB5945
Download  1SMB5945 Download

File Size   218.46 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3W, 11V - 200V Surface Mount Silicon Zener Diodes

1SMB5945 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMB5945 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1SMB5945
Download  1SMB5945 Click to download

File Size   218.46 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3W, 11V - 200V Surface Mount Silicon Zener Diodes

1SMB5945 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

1SMB5945 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMB5945 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMB5945 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMB5945 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMB5945 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMB5945 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd



Similar Part No. - 1SMB5945

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB5945 PANJIT-1SMB5945 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1SMB5945 TRSYS-1SMB5945 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMB5945 TSC-1SMB5945 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMB5945 PANJIT-1SMB5945 Datasheet
58Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5945 PANJIT-1SMB5945 Datasheet
59Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Similar Description - 1SMB5945

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMB5926 TSC-1PGSMB5926 Datasheet
300Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diode
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
GOOD-ARK Electronics
L3N5923B GOOD-ARK-L3N5923B_15 Datasheet
218Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:3W
logo
Shenzhen Luguang Electr...
SZ553Z LUGUANG-SZ553Z Datasheet
229Kb / 3P
   3W Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
   3W SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com