Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA180Z Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1SMA180Z Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1SMA180Z
Download  1SMA180Z Download

File Size   226.91 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1W, 7.5V - 200V Surface Mount Silicon Zener Diodes

1SMA180Z Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMA180Z Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1SMA180Z
Download  1SMA180Z Click to download

File Size   226.91 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1W, 7.5V - 200V Surface Mount Silicon Zener Diodes

1SMA180Z Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

1SMA180Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA180Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA180Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA180Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA180Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMA180Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd



Similar Part No. - 1SMA180Z

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA180Z TRSYS-1SMA180Z Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA180Z TSC-1SMA180Z Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
1SMA180Z TSC-1SMA180Z Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
1SMA180Z TSC-1SMA180Z Datasheet
511Kb / 4P
   1.25 Watts Surface Mount Silicon Zener Diode
logo
Silicon Standard Corp.
1SMA180Z SSC-1SMA180Z Datasheet
203Kb / 4P
   SURFACE MOUNT SILICON ZENDER DIODE
More results


Similar Description - 1SMA180Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMA4740 TSC-1PGSMA4740 Datasheet
350Kb / 6P
   1W, 10V - 200V Surface Mount Silicon Zener Diode
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
GOOD-ARK Electronics
F1N4728 GOOD-ARK-F1N4728_15 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
GOOD-ARK Electronics
L1N4738 GOOD-ARK-L1N4738_15 Datasheet
193Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com