Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE75A Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

P4KE75A Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # P4KE75A
Download  P4KE75A Download

File Size   200.85 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 400W, 6.8V - 440V Transient Voltage Suppressor

P4KE75A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE75A Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # P4KE75A
Download  P4KE75A Click to download

File Size   200.85 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 400W, 6.8V - 440V Transient Voltage Suppressor

P4KE75A Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

P4KE75A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4KE75A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4KE75A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4KE75A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4KE75A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4KE75A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd P4KE75A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd



Similar Part No. - P4KE75A

ManufacturerPart #DatasheetDescription
logo
RFE international
P4KE75A RFE-P4KE75A Datasheet
89Kb / 1P
   LEADED (THRU-HOLE) TVS DIODE: P4KE, P6KE, 1.5KE
logo
Pan Jit International I...
P4KE75A PANJIT-P4KE75A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
List of Unclassifed Man...
P4KE75A ETC2-P4KE75A Datasheet
328Kb / 4P
   Transient Voltage Suppressor
logo
Gaomi Xinghe Electronic...
P4KE75A GXELECTRONICS-P4KE75A Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE75A DIOTEC-P4KE75A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Similar Description - P4KE75A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_15 Datasheet
194Kb / 6P
   400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com