Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5398 Datasheet (PDF) - Leshan Radio Company

1N5398 Datasheet PDF - Leshan Radio Company
Part # 1N5398
Download  1N5398 Download

File Size   47.68 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1.5A GENERAL DIODES

1N5398 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5398 Datasheet PDF - Leshan Radio Company

Part # 1N5398
Download  1N5398 Click to download

File Size   47.68 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1.5A GENERAL DIODES

1N5398 Datasheet (HTML) - Leshan Radio Company

1N5398 Datasheet HTML 1Page - Leshan Radio Company 1N5398 Datasheet HTML 2Page - Leshan Radio Company

1N5398 Product details

1.5A GENERAL DIODES




Similar Part No. - 1N5398

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1N5398 UNIOHM-1N5398 Datasheet
66Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N5398 PANJIT-1N5398 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
1N5398 TSC-1N5398 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Compact Technology Corp...
1N5398 CTC-1N5398 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-41)
logo
Dc Components
1N5398 DCCOM-1N5398 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Similar Description - 1N5398

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N5391G LRC-1N5391G Datasheet
54Kb / 2P
   1.5A GENERAL PURPOSE GPP DIODES
RL151G LRC-RL151G Datasheet
54Kb / 2P
   1.5A GENERAL PURPOSE GPP DIODES
FR151 LRC-FR151 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
logo
Shindengen Electric Mfg...
S1NBC60-7101 SHINDENGEN-S1NBC60-7101 Datasheet
856Kb / 6P
   Bridge Diodes 600V, 1.5A
S1NBC80-7101 SHINDENGEN-S1NBC80-7101 Datasheet
856Kb / 6P
   Bridge Diodes 800V, 1.5A
S1NBC60-7062 SHINDENGEN-S1NBC60-7062 Datasheet
877Kb / 6P
   Bridge Diodes 600V, 1.5A
S1NBC80-7062 SHINDENGEN-S1NBC80-7062 Datasheet
877Kb / 6P
   Bridge Diodes 800V, 1.5A
D2SBA60 SHINDENGEN-D2SBA60 Datasheet
272Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
logo
Rohm
US6X7 ROHM-US6X7_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com