Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZSR250-1AE-12D Datasheet (PDF) - ZETTLER Electronics

AZSR250-1AE-12D Datasheet PDF - ZETTLER Electronics
Part # AZSR250-1AE-12D
Download  AZSR250-1AE-12D Download

File Size   532.53 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 50 A (35 A) POWER RELAY

AZSR250-1AE-12D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZSR250-1AE-12D Datasheet PDF - ZETTLER Electronics

Part # AZSR250-1AE-12D
Download  AZSR250-1AE-12D Click to download

File Size   532.53 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 50 A (35 A) POWER RELAY

AZSR250-1AE-12D Datasheet (HTML) - ZETTLER Electronics

AZSR250-1AE-12D Datasheet HTML 1Page - ZETTLER Electronics AZSR250-1AE-12D Datasheet HTML 2Page - ZETTLER Electronics



Similar Part No. - AZSR250-1AE-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZSR250-1AE-12D ZETTLER-AZSR250-1AE-12D Datasheet
532Kb / 2P
   50 A (35 A) POWER RELAY
logo
American Zettler, Inc.
AZSR250-1AE-12D AZETTLER-AZSR250-1AE-12D Datasheet
1Mb / 2P
   50A (35A) MINIATURE POWER RELAY
More results


Similar Description - AZSR250-1AE-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZSR250 ZETTLER-AZSR250 Datasheet
532Kb / 2P
   50 A (35 A) POWER RELAY
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
logo
Vishay Siliconix
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
VS-GBPC3512W VISHAY-VS-GBPC3512W Datasheet
885Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 08-Apr-14
VS-36MB10A VISHAY-VS-36MB10A Datasheet
784Kb / 8P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 10-Jul-13
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com