Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63510EFV Datasheet (PDF) - Rohm

BD63510EFV Datasheet PDF - Rohm
Part # BD63510EFV
Download  BD63510EFV Download

File Size   1609.77 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description CLK-IN drive mode

BD63510EFV Datasheet (PDF)

Go To PDF Page Download Datasheet
BD63510EFV Datasheet PDF - Rohm

Part # BD63510EFV
Download  BD63510EFV Click to download

File Size   1609.77 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description CLK-IN drive mode

BD63510EFV Datasheet (HTML) - Rohm

Back Button BD63510EFV Datasheet HTML 1Page - Rohm BD63510EFV Datasheet HTML 2Page - Rohm BD63510EFV Datasheet HTML 3Page - Rohm BD63510EFV Datasheet HTML 4Page - Rohm BD63510EFV Datasheet HTML 5Page - Rohm BD63510EFV Datasheet HTML 6Page - Rohm BD63510EFV Datasheet HTML 7Page - Rohm BD63510EFV Datasheet HTML 8Page - Rohm BD63510EFV Datasheet HTML 9Page - Rohm BD63510EFV Datasheet HTML 10Page - Rohm Next Button 

BD63510EFV Product details

General Description
BD63510EFV series are stepping motor drivers of 1/16 micro step(sixteenth step) drive. As for its basic function, it is a low power consumption bipolar PWM constant current-drive driver with power supply rated voltage of 36V and rated output current (DC) of 1.0A. The input interface is CLK-IN type.
There are step modes of Full step & Half step, Quarter step, Sixteenth step mode by internal DAC (D-A converter), and for current decay mode, the ratio of FAST DECAY & SLOW DECAY can be freely set, so the optimum control conditions for every motor can be realized. In addition, being able to drive with one system of power supply makes contribution to the set design’s getting easy.

Features
1) Single power supply input (rated voltage of 36V)
2) Rated output current:(DC) 1.0A
3) Low ON resistance DMOS output
4) CLK-IN drive mode
5) PWM constant current control (other oscillation)
6) Built-in spike noise cancel function (external noise
   filter is unnecessary)
7) Full step, Half step, Quarter step, Sixteenth step
   drive
8) Timing free for changing step modes
9) Current decay mode switching function (linearly
   variable FAST/SLOW DECAY ratio)
10) Normal rotation & reverse rotation switching
   function
11) Power save function
12) Built-in logic input pull-down resistor
13) Power-on reset function
14) Thermal shutdown circuit (TSD)
15) Over current protection circuit (OCP)
16) Under voltage lock out circuit (UVLO)
17) Over voltage lock out circuit (OVLO)
18) Ghost Supply Prevention (protects against
   malfunction when power supply is disconnected)
19) Adjacent pins short protection
20) Inverted mounting protection
21) Microminiature, ultra-thin and high heat-radiation
   (exposed metal type) HTSSOP-B28 package

Application
■ PPC, multi-function printer, laser beam printer, and
   ink-jet printer
■ Monitoring camera and WEB camera
■ Sewing machine
■ Photo printer, FAX, scanner and mini printer
■ Toy and robot




Similar Part No. - BD63510EFV

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD635 ISC-BD635 Datasheet
246Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD635 NJSEMI-BD635 Datasheet
123Kb / 2P
   Silicon NPN Power Transistor
logo
Rohm
BD63520AEFV ROHM-BD63520AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63520AEFV-E2 ROHM-BD63520AEFV-E2 Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63521EFV ROHM-BD63521EFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
More results


Similar Description - BD63510EFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62262FTAG TOSHIBA-TB62262FTAG Datasheet
542Kb / 21P
   CLK-in controlled Bipolar Stepping Motor Driver
2017-02-17
logo
Integrated Device Techn...
8745B-21 IDT-8745B-21 Datasheet
322Kb / 19P
   Differential CLK
logo
Toshiba Semiconductor
TB62269FTG TOSHIBA-TB62269FTG Datasheet
975Kb / 27P
   PWM method CLK-IN bipolar stepping motor driver
logo
TE Connectivity Ltd
CAT-ATS0030 TEC-CAT-ATS0030 Datasheet
100Kb / 1P
   DRIVE MODE SENSOR
logo
Holt Integrated Circuit...
HI-8105 HOLTIC-HI-8105 Datasheet
111Kb / 5P
   PROGRAMMABLE DIVIDER WITH OSC OR CLK
logo
Integrated Device Techn...
86004I IDT-86004I Datasheet
231Kb / 13P
   CLK accepts the following input levels
logo
Maxim Integrated Produc...
MAXFILTERBRD MAXIM-MAXFILTERBRD Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
logo
Integrated Silicon Solu...
IS43R16800CC ISSI-IS43R16800CC Datasheet
748Kb / 37P
   Commands entered on each positive CLK edge
logo
Integrated Device Techn...
8312I IDT-8312I Datasheet
234Kb / 18P
   CLK input supports the following input types
logo
Axiomtek Co., Ltd.
MPC225-851-FL AXIOMTEK-MPC225-851-FL Datasheet
370Kb / 2P
   Built-in Super Multi drive
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com