Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS55-0004-TR Datasheet (PDF) - Tyco Electronics

DS55-0004-TR Datasheet PDF - Tyco Electronics
Part # DS55-0004-TR
Download  DS55-0004-TR Download

File Size   28.14 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz

DS55-0004-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
DS55-0004-TR Datasheet PDF - Tyco Electronics

Part # DS55-0004-TR
Download  DS55-0004-TR Click to download

File Size   28.14 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz

DS55-0004-TR Datasheet (HTML) - Tyco Electronics

DS55-0004-TR Datasheet HTML 1Page - Tyco Electronics DS55-0004-TR Datasheet HTML 2Page - Tyco Electronics

DS55-0004-TR Product details

Description

M/A-COM’s DS55-0004 is an IC-based monolithic power divider using M/A-COM’s GMIC technology in a low cost SOIC-16 plastic package. This 5-way power divider is ideally suited for applications where PCB real estate is at a premium and part count reduction and cost are critical. Typical applications include base station switching networks and other cellular equipment, including subscriber units. Available in tape and reel.



Features

•  Small Size, Low Profile

•  Superior Repeatability (Lot-to-Lot Variation)

•  Industry Standard SOIC-16 SMT Plastic Package

•  Typical Isolation: 26 dB

•  Typical Insertion Loss: 0.7 dB

•  Low Cost

•  1 Watt Power Handling

•  SOIC-16 Package




Similar Part No. - DS55-0004-TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS55-0004-TR MA-COM-DS55-0004-TR Datasheet
89Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
More results


Similar Description - DS55-0004-TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS55-0004 MA-COM-DS55-0004 Datasheet
89Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
MAPDCC0016 MA-COM-MAPDCC0016 Datasheet
86Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
MAPDCC0015 MA-COM-MAPDCC0015_15 Datasheet
499Kb / 4P
   Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
   Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
logo
Tyco Electronics
DS58-0001 MACOM-DS58-0001 Datasheet
36Kb / 2P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com