Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2235PCK-411 Datasheet (PDF) - RF Micro Devices

RFPA2235PCK-411 Datasheet PDF - RF Micro Devices
Part # RFPA2235PCK-411
Download  RFPA2235PCK-411 Download

File Size   1281.73 Kbytes
Page   20 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ

RFPA2235PCK-411 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPA2235PCK-411 Datasheet PDF - RF Micro Devices

Part # RFPA2235PCK-411
Download  RFPA2235PCK-411 Click to download

File Size   1281.73 Kbytes
Page   20 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ

RFPA2235PCK-411 Datasheet (HTML) - RF Micro Devices

Back Button RFPA2235PCK-411 Datasheet HTML 1Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 2Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 3Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 4Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 5Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 6Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 7Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 8Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 9Page - RF Micro Devices RFPA2235PCK-411 Datasheet HTML 10Page - RF Micro Devices Next Button 



Similar Part No. - RFPA2235PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-410 RFMD-RFPA2224PCK-410 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-411 RFMD-RFPA2224PCK-411 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-412 RFMD-RFPA2224PCK-412 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224SQ RFMD-RFPA2224SQ Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
More results


Similar Description - RFPA2235PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com