Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM07U7X Datasheet (PDF) - Toshiba Semiconductor

RFM07U7X Datasheet PDF - Toshiba Semiconductor
Part # RFM07U7X
Download  RFM07U7X Download

File Size   184.69 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type

RFM07U7X Datasheet (PDF)

Go To PDF Page Download Datasheet
RFM07U7X Datasheet PDF - Toshiba Semiconductor

Part # RFM07U7X
Download  RFM07U7X Click to download

File Size   184.69 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type

RFM07U7X Datasheet (HTML) - Toshiba Semiconductor

RFM07U7X Datasheet HTML 1Page - Toshiba Semiconductor RFM07U7X Datasheet HTML 2Page - Toshiba Semiconductor RFM07U7X Datasheet HTML 3Page - Toshiba Semiconductor RFM07U7X Datasheet HTML 4Page - Toshiba Semiconductor RFM07U7X Datasheet HTML 5Page - Toshiba Semiconductor

RFM07U7X Product details

VHF- and UHF-band Amplifier Applications

(Note)The TOSHIBA products listed in this document are intended for high frequency Power Amplifier of telecommunications equipment. These TOSHIBA products are neither intended nor warranted for any other use. Do not use these TOSHIBA products listed in this document except for high frequency Power Amplifier of telecommunications equipment.

• Wide Band matching: f = 450 to 530 MHz
• Drain efficiency: ηD = 68% (typ.)
• Output power: PO = 8.2 W (typ.)
• Gain: GP = 12.5 dB (typ.)




Similar Part No. - RFM07U7X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RFM00U7U TOSHIBA-RFM00U7U Datasheet
169Kb / 4P
   VHF- and UHF-band Amplifier Applications
RFM00U7U TOSHIBA-RFM00U7U Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
List of Unclassifed Man...
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Toshiba Semiconductor
RFM01U7P TOSHIBA-RFM01U7P Datasheet
167Kb / 5P
   VHF- and UHF-band Amplifier Applications
RFM01U7P TOSHIBA-RFM01U7P Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results


Similar Description - RFM07U7X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com