Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130147-0093 Datasheet (PDF) - Molex Electronics Ltd.

130147-0093 Datasheet PDF - Molex Electronics Ltd.
Part # 130147-0093
Download  130147-0093 Download

File Size   49.1 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Connector with Locking Blade, 2 Pole/3 Wire

130147-0093 Datasheet (PDF)

Go To PDF Page Download Datasheet
130147-0093 Datasheet PDF - Molex Electronics Ltd.

Part # 130147-0093
Download  130147-0093 Click to download

File Size   49.1 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Connector with Locking Blade, 2 Pole/3 Wire

130147-0093 Datasheet (HTML) - Molex Electronics Ltd.

130147-0093 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 130147-0093

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0090 MOLEX11-130147-0090 Datasheet
56Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0091 MOLEX11-130147-0091 Datasheet
43Kb / 1P
   Watertite Receptacle with Locking Blade, 4 Pole/4 Wire, Non-NEMA, 250V, Cord Grip Body Size F4
130147-0094 MOLEX11-130147-0094 Datasheet
42Kb / 1P
   Watertite Extra Hard Outdoor Connector with Locking Blade, 2 Pole/3 Wire
130147-0095 MOLEX11-130147-0095 Datasheet
56Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade, Single Flip Coverplate
130147-0096 MOLEX11-130147-0096 Datasheet
38Kb / 1P
   Watertite Connector with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 125V, Cord Grip Body Size F4
More results


Similar Description - 130147-0093

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0099 MOLEX11-130147-0099 Datasheet
42Kb / 1P
   Watertite Connector with Locking Blade, 2 Pole/3 Wire
1301460095 MOLEX11-1301460095 Datasheet
30Kb / 1P
   Watertite Connector with Locking Blade, 2 Pole/3 Wire
1301460099 MOLEX11-1301460099 Datasheet
30Kb / 1P
   Watertite Connector with Locking Blade, 2 Pole/3 Wire,
130147-0021 MOLEX11-130147-0021 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 2 Pole/3 Wire
130147-0076 MOLEX11-130147-0076 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 2 Pole/3 Wire
130147-0018 MOLEX11-130147-0018 Datasheet
42Kb / 1P
   Watertite Plug with Locking Blade, 2 Pole/3 Wire
1301550154 MOLEX11-1301550154 Datasheet
39Kb / 1P
   Watertite Connector with California Style Locking Blade, 2 Pole/3 Wire
1301550166 MOLEX11-1301550166 Datasheet
39Kb / 1P
   Watertite Connector with California Style Locking Blade, 2 Pole/3 Wire
130147-0056 MOLEX11-130147-0056 Datasheet
38Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
130147-0059 MOLEX11-130147-0059 Datasheet
38Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com