Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA7489ZSQ Datasheet (PDF) - RF Micro Devices

SGA7489ZSQ Datasheet PDF - RF Micro Devices
Part # SGA7489ZSQ
Download  SGA7489ZSQ Download

File Size   486.36 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK

SGA7489ZSQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA7489ZSQ Datasheet PDF - RF Micro Devices

Part # SGA7489ZSQ
Download  SGA7489ZSQ Click to download

File Size   486.36 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK

SGA7489ZSQ Datasheet (HTML) - RF Micro Devices

SGA7489ZSQ Datasheet HTML 1Page - RF Micro Devices SGA7489ZSQ Datasheet HTML 2Page - RF Micro Devices SGA7489ZSQ Datasheet HTML 3Page - RF Micro Devices SGA7489ZSQ Datasheet HTML 4Page - RF Micro Devices SGA7489ZSQ Datasheet HTML 5Page - RF Micro Devices SGA7489ZSQ Datasheet HTML 6Page - RF Micro Devices

SGA7489ZSQ Product details

Product Description
The SGA7489Z is a high performance SiGe HBT MMIC Amplifier. A Darlington configuration featuring one-micron emitters provides high FT and excellent thermal performance. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products. Only two DC-blocking capacitors, a bias resistor, and an optional RF choke are required for operation.

Features
■ DC to 3000MHz Operation
■ Very High IF Output IP3: 39dBm at 100MHz
■ High Output IP3: +35.5dBm typ. at 850MHz
■ Low Noise Figure: 3.3dB typ. at 1950MHz

Applications
■ Oscillator Amplifiers
■ PA for Low/Medium Power Applications
■ IF/RF Buffer Amplifier
■ Drivers for CATV Amplifiers
■ LO Driver Amplifier




Similar Part No. - SGA7489ZSQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SGA ITT-SGA Datasheet
124Kb / 4P
   ARINC 600 Rack and Panel Connectors
logo
Galaxy Semi-Conductor H...
SGA BILIN-SGA Datasheet
75Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Stanford Microdevices
SGA-0163 STANFORD-SGA-0163 Datasheet
258Kb / 5P
   DC-4500MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0163 SIRENZA-SGA-0163 Datasheet
249Kb / 5P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-0163Z SIRENZA-SGA-0163Z Datasheet
249Kb / 5P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
More results


Similar Description - SGA7489ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
   DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA5263Z RFMD-SGA5263Z Datasheet
330Kb / 6P
   DC to 4500MHz, Silicon Germanium Cascadable Gain Block
SGA0163Z RFMD-SGA0163Z Datasheet
324Kb / 6P
   DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-1263 SIRENZA-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
Stanford Microdevices
SGA-2386 STANFORD-SGA-2386 Datasheet
230Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-5489 ETC-SGA-5489 Datasheet
303Kb / 8P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com