Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZA5044ZSQ Datasheet (PDF) - RF Micro Devices

SZA5044ZSQ Datasheet PDF - RF Micro Devices
Part # SZA5044ZSQ
Download  SZA5044ZSQ Download

File Size   470.41 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 4.9GHz to 5.9GHz 5V POWER AMPLIFIER

SZA5044ZSQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SZA5044ZSQ Datasheet PDF - RF Micro Devices

Part # SZA5044ZSQ
Download  SZA5044ZSQ Click to download

File Size   470.41 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 4.9GHz to 5.9GHz 5V POWER AMPLIFIER

SZA5044ZSQ Datasheet (HTML) - RF Micro Devices

Back Button SZA5044ZSQ Datasheet HTML 1Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 2Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 3Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 4Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 5Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 6Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 7Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 8Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 9Page - RF Micro Devices SZA5044ZSQ Datasheet HTML 10Page - RF Micro Devices Next Button 



Similar Part No. - SZA5044ZSQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA5044 ETC-SZA5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
More results


Similar Description - SZA5044ZSQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
AVAGO TECHNOLOGIES LIMI...
MGA-25203 AVAGO-MGA-25203_15 Datasheet
594Kb / 15P
   4.9-5.9GHz 3x3mm WiFi Power Amplifier
logo
Broadcom Corporation.
MGA-25203 BOARDCOM-MGA-25203 Datasheet
594Kb / 15P
   4.9-5.9GHz 3x3mm WiFi Power Amplifier
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5515 RFMD-RF5515 Datasheet
634Kb / 9P
   4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
logo
Toshiba Semiconductor
TIM5964-16UL TOSHIBA-TIM5964-16UL_09 Datasheet
145Kb / 4P
   HIGH POWER P1dB=42.5dBm at 5.9GHz to 6.4GHz
TIM5964-12UL TOSHIBA-TIM5964-12UL_09 Datasheet
144Kb / 4P
   HIGH POWER P1dB=41.5dBm at 5.9GHz to 6.4GHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com