Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW-114PIN Datasheet (PDF) - Tyco Electronics

SW-114PIN Datasheet PDF - Tyco Electronics
Part # SW-114PIN
Download  SW-114PIN Download

File Size   97.08 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SP4T RF Switch 10 - 2000 MHz

SW-114PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-114PIN Datasheet PDF - Tyco Electronics

Part # SW-114PIN
Download  SW-114PIN Click to download

File Size   97.08 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SP4T RF Switch 10 - 2000 MHz

SW-114PIN Datasheet (HTML) - Tyco Electronics

SW-114PIN Datasheet HTML 1Page - Tyco Electronics SW-114PIN Datasheet HTML 2Page - Tyco Electronics

SW-114PIN Product details

Features
● Ultra Broadband
● High Isolation – 60 dB Typical
● Integral TTL Driver
● Hermetic Package




Similar Part No. - SW-114PIN

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-114 BLACKBOX-SW-114 Datasheet
1Mb / 4P
   EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
logo
Tyco Electronics
SW-114-PIN MACOM-SW-114-PIN Datasheet
136Kb / 3P
   SP4T RF Switch, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-114-PIN MA-COM-SW-114-PIN Datasheet
55Kb / 3P
   SP4T RF Switch, 10 - 2000 MHz
logo
SHINMEI ELECTRIC CO., L...
SW-114S SHINMEI-SW-114S Datasheet
119Kb / 3P
   Push-type Detector Switches
More results


Similar Description - SW-114PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-114-PIN MA-COM-SW-114-PIN Datasheet
55Kb / 3P
   SP4T RF Switch, 10 - 2000 MHz
logo
Tyco Electronics
SW-114-PIN MACOM-SW-114-PIN Datasheet
136Kb / 3P
   SP4T RF Switch, 10 - 2000 MHz
SW-124 MACOM-SW-124 Datasheet
83Kb / 1P
   SP4T RF Switch 10 - 1000 MHz
SW-124-PIN MACOM-SW-124-PIN Datasheet
136Kb / 3P
   SP4T RF Switch, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
SW-124-PIN MA-COM-SW-124-PIN Datasheet
55Kb / 3P
   SP4T RF Switch, 10 - 1000 MHz
logo
Tyco Electronics
SW-262 MACOM-SW-262 Datasheet
215Kb / 3P
   GaAs SP4T Switch, 5 - 2000 MHz
SW-255 MACOM-SW-255 Datasheet
81Kb / 2P
   GaAs SP4T Switch 5 - 2000 MHz
SW-255-PIN MACOM-SW-255-PIN Datasheet
142Kb / 3P
   GaAs SP4T Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-255-PIN MA-COM-SW-255-PIN Datasheet
58Kb / 3P
   GaAs SP4T Switch, 5 - 2000 MHz
logo
Tyco Electronics
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
   Matched GaAs SP4T Switch 5 - 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com